Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCBS0650 Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FCBS0650
Description  Smart Power Module (SPM)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCBS0650 Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FCBS0650 Datasheet HTML 1Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 2Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 3Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 4Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 5Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 6Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 7Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 8Page - Fairchild Semiconductor FCBS0650 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
www.fairchildsemi.com
FCBS0650 Rev. A
Integrated Power Functions
• 500V-6A MOSFET inverter for three-phase DC/AC power conversion (Please refer to Fig. 3)
Integrated Drive, Protection and System Control Functions
• For inverter high-side MOSFETs: Gate drive circuit, High voltage isolated high-speed level shifting
Control circuit under-voltage (UV) protection
Note) Available bootstrap circuit example is given in Figs. 10 and 11.
• For inverter low-side MOSFETs: Gate drive circuit, Short circuit protection (SC)
Control supply circuit under-voltage (UV) protection
• Fault signaling: Corresponding to a UV fault (Low-side supply), SC fault
• Input interface: 3.3/5V CMOS/LSTTL compatible, Schmitt trigger input
Pin Configuration
Figure 2.
Top View
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(21) NU
(22) NV
(23) NW
(27) P
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(24) U
(25) V
(26) W
Case Tem perature (TC)
Detecting Point
Ceramic Substrate
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(21) NU
(22) NV
(23) NW
(27) P
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
U
V
(26) W
Case Tem perature (TC)
Detecting Point
Ceramic Substrate
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.3
19.1
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(21) NU
(22) NV
(23) NW
(27) P
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
(24) U
(25) V
(26) W
Case Tem perature (TC)
Detecting Point
Ceramic Substrate
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
(1) VCC(L)
(2) COM
(3) IN(UL)
(4) IN(VL)
(5) IN(WL)
(6) VFO
(21) NU
(22) NV
(23) NW
(27) P
(15) VB(V)
(16) VS(V)
(17) IN(WH)
(18) VCC(WH)
(19) VB(W)
(20) VS(W)
U
V
(26) W
Case Tem perature (TC)
Detecting Point
Ceramic Substrate
(7) CFOD
(8) CSC
(9) IN(UH)
(10) VCC(UH)
(11) VB(U)
(12) VS(U)
(13) IN(VH)
(14) VCC(VH)
13.3
19.1
13.3
19.1


Numéro de pièce similaire - FCBS0650

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FCBS0550 FAIRCHILD-FCBS0550 Datasheet
249Kb / 16P
   Smart Power Module (SPM)
logo
ON Semiconductor
FCBS0550 ONSEMI-FCBS0550 Datasheet
338Kb / 18P
   Smart Power Module (SPM)
September 8, 2005 Rev. A
More results

Description similaire - FCBS0650

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FSB50325S FAIRCHILD-FSB50325S Datasheet
149Kb / 8P
   Smart Power Module (SPM)
FSB50250S FAIRCHILD-FSB50250S Datasheet
163Kb / 8P
   Smart Power Module (SPM)
FPAL30SL60 FAIRCHILD-FPAL30SL60 Datasheet
679Kb / 17P
   Smart Power Module (SPM)
FSAM10SM60A FAIRCHILD-FSAM10SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSAM10SH60A FAIRCHILD-FSAM10SH60A Datasheet
1Mb / 16P
   SPM (Smart Power Module)
FSBM10SH60 FAIRCHILD-FSBM10SH60 Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSB50450 FAIRCHILD-FSB50450 Datasheet
340Kb / 8P
   Smart Power Module (SPM)
FPAL15SL60 FAIRCHILD-FPAL15SL60 Datasheet
356Kb / 17P
   Smart Power Module (SPM)
FPBL20SL60 FAIRCHILD-FPBL20SL60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FPBL20SM60 FAIRCHILD-FPBL20SM60 Datasheet
278Kb / 17P
   Smart Power Module (SPM)
FSBM15SH60A FAIRCHILD-FSBM15SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com