Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5332A Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FAN5332A
Description  High Efficiency, High Current Serial LED Driver and OLED Supply with 30V Integrated Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5332A Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FAN5332A Datasheet HTML 1Page - Fairchild Semiconductor FAN5332A Datasheet HTML 2Page - Fairchild Semiconductor FAN5332A Datasheet HTML 3Page - Fairchild Semiconductor FAN5332A Datasheet HTML 4Page - Fairchild Semiconductor FAN5332A Datasheet HTML 5Page - Fairchild Semiconductor FAN5332A Datasheet HTML 6Page - Fairchild Semiconductor FAN5332A Datasheet HTML 7Page - Fairchild Semiconductor FAN5332A Datasheet HTML 8Page - Fairchild Semiconductor FAN5332A Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.fairchildsemi.com
FAN5332A Rev. 1.0.1
Electrical Characteristics
Test Circuit
Figure 3. Test Circuit
Unless otherwise noted, VIN = 3.6V, No external load,TA = -40°C to +85°C, Typical values are at TA = 25°C,
Test Circuit, Figure 3.
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Accuracy
-3
+3
%
Switch Current Limit
VIN = 3.2V
1.1
1.5
A
Load Current Capability
VOUT > 18.5V, VIN ≥ 2.7V
50
mA
VOUT > 19.7V, VIN ≥ 3.2V, TON < 0.4Sec.
75
mA
Switch On-resistance
VIN = 5V
0.6
VIN = 3.6V
0.7
Quiescent Current
VSHDN = 3.6V, No Switching
0.7
mA
VSHDN = 3.6V, Switching, VOUT = 20.7V
4.5
mA
OFF Mode Current
VSHDN = 0V
0.1
3
µA
Shutdown Threshold
Device ON
1.5
V
Device OFF
0.5
V
Shutdown Pin Bias Current
VSHDN = 0V or VSHDN = 5.5V
1
100
nA
Feedback Voltage
TA= 25°C
1.205
1.230
1.255
V
Feedback Pin Bias Current
1
100
nA
Line Regulation
3.2V < VIN < 5.5V, VOUT = 20.7V, TA= 25°C
0.5
1.5
%
Load Regulation
0mA < ILoad < 75mA, VOUT = 20.7V
0.8
%
Switching Frequency
1.2
1.5
1.8
MHz
Maximum Duty Cycle
87
93
%
Enable Delay
VIN = 2.7V, IOUT = 50mA, VOUT = 20.7V
1.5
5
mS
Power on Delay
VIN = 2.7V, IOUT = 50mA, VOUT = 20.7V
1.5
5
mS
Switch Leakage Current
No Switching, VIN = 5.5V
1
µA
160K
10K
SHDN
VIN
VOUT
R1
R2
GND
V
IN
FB
SW
CF
CIN
6.8µH
1
3
2
4
5
10
µF
82pF
COUT
L
BAT54
2.2
µF
2.7V to 5.5V
ON
OFF


Numéro de pièce similaire - FAN5332A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
214Kb / 10P
   1.6MHz Boost Converter with 20V Integrated FET Switch
FAN5331 FAIRCHILD-FAN5331 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
More results

Description similaire - FAN5332A

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5331 FAIRCHILD-FAN5331_05 Datasheet
582Kb / 10P
   High Efficiency Serial LED Driver and OLED Supply with 20V Integrated Switch
FAN5333A FAIRCHILD-FAN5333A Datasheet
538Kb / 11P
   High Efficiency, High Current Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5331 ONSEMI-FAN5331 Datasheet
754Kb / 11P
   High Efficiency Serial LED Driver and OLED Supply
August 2005 Rev. 1.0.1
logo
Fairchild Semiconductor
FAN5330SX FAIRCHILD-FAN5330SX Datasheet
526Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
FAN5330 FAIRCHILD-FAN5330 Datasheet
520Kb / 10P
   High Efficiency Serial LED Driver with 30V Integrated Switch
logo
ON Semiconductor
FAN5333A ONSEMI-FAN5333A Datasheet
654Kb / 13P
   High Efficiency, High Current Serial LED Driver
August 2005 Rev. 1.0.1
logo
alpha microelectronics ...
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
   High Efficiency Step Down LED Driver for High Brightness LED and OLED
logo
Linear Technology
LT3498 LINER-LT3498_15 Datasheet
367Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky
logo
ON Semiconductor
NCV78723 ONSEMI-NCV78723 Datasheet
292Kb / 32P
   High Efficiency Buck Dual LED Driver with Integrated Current Sensing
November, 2015 ??Rev. 2
logo
Diodes Incorporated
AL8806 DIODES-AL8806 Datasheet
422Kb / 15P
   HIGH EFFICIENCY 30V 1.5A BUCK LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com