Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5019B Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN5019B
Description  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5019B Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN5019B Datasheet HTML 1Page - Fairchild Semiconductor FAN5019B Datasheet HTML 2Page - Fairchild Semiconductor FAN5019B Datasheet HTML 3Page - Fairchild Semiconductor FAN5019B Datasheet HTML 4Page - Fairchild Semiconductor FAN5019B Datasheet HTML 5Page - Fairchild Semiconductor FAN5019B Datasheet HTML 6Page - Fairchild Semiconductor FAN5019B Datasheet HTML 7Page - Fairchild Semiconductor FAN5019B Datasheet HTML 8Page - Fairchild Semiconductor FAN5019B Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
PRODUCT SPECIFICATION
FAN5019B
REV. 1.0.0 Jul/15/05
3
16
CSREF
Current Sense Reference. Non-Inverting input of the current sense amp. Sense
point for the output voltage used for OVP and PWRGD.
17
CSSUM
Current Sense Summing node. Inverting input of the current sense amp.
18
CSCOMP
Current Sense Compensation node. Output of the current sense amplifier. This
pin is used, in conjunction with CSSUM to set the output droop compensation and
current loop response.
19
GND
Ground. Signal ground for the device.
20–23
SW[4:1]
Phase Current Sense/Balance inputs. Phase-to-phase current sense and
balancing inputs. Unused phases should be left open.
24–27
PWM[4:1]
PWM outputs. CMOS outputs for driving external gate driver such as the FAN5009.
Unused phases should be connected to Ground.
28
VCC
Chip Power. Bias supply for the chip. Connect directly to a +12V supply. Bypass
with a 1µF MLCC capacitor.
Pin Definitions (continued)
Pin Number
Pin Name
Pin Function Description


Numéro de pièce similaire - FAN5019B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

Description similaire - FAN5019B

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5018B FAIRCHILD-FAN5018B Datasheet
509Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com