Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59444IBZ-T7 Fiches technique(PDF) 1 Page - Intersil Corporation

No de pièce ISL59444IBZ-T7
Description  1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59444IBZ-T7 Fiches technique(HTML) 1 Page - Intersil Corporation

  ISL59444IBZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59444IBZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN7451.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2005. All Rights Reserved.
All other trademarks mentioned are the property of their respective owners.
ISL59444
1GHz, 4 x 1 Multiplexing Amplifier with
Synchronous Controls
The ISL59444 is a single-output 4:1 MUX-amp. The MUX-amp
has a fixed gain of 1 and a 1GHz bandwidth. The ISL59444 is
ideal for professional video switching, HDTV, computer
display routing, and other high performance applications.
The device contains logic inputs for channel selection (S0,
S1), latch control signals (LE1, LE2), and a three-state
output control (HIZ) for individual selection of MUX amps
that share a common video output line. All logic inputs have
pull-downs to ground and may be left floating.
Timing Diagram
Features
• 1GHz (-3dB) Bandwidth (VOUT = 200mVP-P)
• 220MHz (-3dB) Bandwidth (VOUT = 2VP-P)
• Slew Rate (RL = 500Ω, VOUT = 4V) . . . . . . . . . . . .1515V/µs
• Slew Rate (RL = 500Ω, VOUT = 5V) . . . . . . . . . . . . 1155V/µs
• High Speed Three-State Output (HIZ)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• HDTV/DTV Analog Inputs
• Video Projectors
• Computer Monitors
• Set-top Boxes
• Security Video
• Broadcast Video Equipment
• RGB Video Distribution Systems
RF Switching and Routing
Pinout
ISL59444 (16 LD SO)
TOP VIEW
Functional Diagram
TABLE 1. TRUTH TABLE
LE1/LE2
HIZ
S1
S0
OUT
0000
IN0
0001
IN1
0010
IN2
0011
IN3
X1
X
X
HiZ
Ordering Information
PART
NUMBER
PART
MARKING PACKAGE
TAPE &
REEL
PKG.
DWG. #
ISL59444IB
59444IB
16 Ld SO
-
MDP0027
ISL59444IB-T7
59444IB
16 Ld SO
7”
MDP0027
ISL59444IB-T13
59444IB
16 Ld SO
13”
MDP0027
ISL59444IBZ
(Note)
59444IBZ 16 Ld SO
(Pb-free)
-
MDP0027
ISL59444IBZ-T13
(Note)
59444IBZ 16 Ld SO
(Pb-free)
7”
MDP0027
ISL59444IBZ-T7
(Note)
59444IBZ 16 Ld SO
(Pb-free)
13”
MDP0027
SO16 (0.150”)
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
S0, S1, HIZ
OUT
CHX
CHY
CHZ
CHX
CHX
CHY
CHX
CHZ
CHZ
LE1
LE2
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
IN0
NIC
IN1
GND
IN2
NIC
IN3
V+
S0
S1
HIZ
OUT
LE2
V-
NIC
LE1
OUT
DECODE
EN0
EN1
EN2
EN3
IN0
IN1
IN2
IN3
C
C
C
C
LE1
LE2
S0
S1
HIZ
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
DL Q
C
C
C
C
100k
100k
Data Sheet
September 21, 2005


Numéro de pièce similaire - ISL59444IBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59444IBZ-T7 RENESAS-ISL59444IBZ-T7 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
More results

Description similaire - ISL59444IBZ-T7

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442 Datasheet
560Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
HA4344B INTERSIL-HA4344B Datasheet
35Kb / 4P
   350MHz, 4 x 1 Video Crosspoint Switch with Synchronous Controls
June 1998
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com