Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59442IBZ-T13 Fiches technique(PDF) 8 Page - Intersil Corporation

No de pièce ISL59442IBZ-T13
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IBZ-T13 Fiches technique(HTML) 8 Page - Intersil Corporation

Back Button ISL59442IBZ-T13 Datasheet HTML 3Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 4Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL59442IBZ-T13 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN7452.2
September 21, 2005
AC Test Circuits
Application Circuits
FIGURE 21A. TEST CIRCUIT WITH OPTIMAL OUTPUT LOAD
FIGURE 21B. TEST CIRCUIT FOR MEASURING WITH A 50
OR 75
INPUT TERMINATED EQUIPMENT
FIGURE 21C. BACKLOADED TEST CIRCUIT FOR VIDEO CABLE APPLICATION. BANDWIDTH AND LINEARITY FOR RL LESS THAN 500
WILL BE
DEGRADED
NOTE: Figure 21A illustrates the optimum output load for testing AC performance. Figure 21B illustrates the optimum output load when connecting
to input terminated equipment. Figure 21C illustrates back loaded test circuit for video cable.
FIGURE 22A. SMALL SIGNAL 200mVP-P APPLICATION CIRCUIT
FIGURE 22B. LARGE SIGNAL 1VP-P APPLICATION CIRCUIT
ISL59442
CL
50
VIN
500
RL
2pF
or
75
ISL59442
RS
CL
VIN
475
TEST EQUIPMENT
2pF
50
or
75
50
or
75
50
or
75
ISL59442
RS
CL
VIN
50
Ω or 75Ω
TEST EQUIPMENT
2pF
50
or
75
50
or
75
VIN
50
-
+
*CL: TOTAL LOAD CAPACITANCE
COUT: OUTPUT CAPACITANCE
CT: TRACE CAPACITANCE
COUT
RL = 500Ω
VOUT
0pF
*CL = CT + COUT
CT
1.6pF
VIN
50
RL = 500Ω
-
+
VOUT
1.6pF
22pF
25
CT
COUT
CL = CT + COUT
RS
ISL59442


Numéro de pièce similaire - ISL59442IBZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442IBZ-T13 INTERSIL-ISL59442IBZ-T13 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ-T13 RENESAS-ISL59442IBZ-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Description similaire - ISL59442IBZ-T13

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com