Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ISL59442IBZ Fiches technique(PDF) 5 Page - Intersil Corporation

No de pièce ISL59442IBZ
Description  1GHz, 4 x 1 Multiplexing Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59442IBZ Fiches technique(HTML) 5 Page - Intersil Corporation

  ISL59442IBZ Datasheet HTML 1Page - Intersil Corporation ISL59442IBZ Datasheet HTML 2Page - Intersil Corporation ISL59442IBZ Datasheet HTML 3Page - Intersil Corporation ISL59442IBZ Datasheet HTML 4Page - Intersil Corporation ISL59442IBZ Datasheet HTML 5Page - Intersil Corporation ISL59442IBZ Datasheet HTML 6Page - Intersil Corporation ISL59442IBZ Datasheet HTML 7Page - Intersil Corporation ISL59442IBZ Datasheet HTML 8Page - Intersil Corporation ISL59442IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN7452.2
September 21, 2005
FIGURE 9. PSRR CHANNELS
FIGURE 10. CROSSTALK AND OFF ISOLATION
FIGURE 11. ROUT vs FREQUENCY
FIGURE 12. INPUT NOISE vs FREQUENCY
FIGURE 13. CHANNEL TO CHANNEL SWITCHING GLITCH
VIN =0V, RS = 25, CL = 23.6pF
FIGURE 14. CHANNEL TO CHANNEL TRANSIENT RESPONSE
VIN =1V, RS = 25, CL = 23.6pF
Typical Performance Curves VS = ±5V, RL = 500Ω to GND, TA = 25°C, unless otherwise specified. (Continued)
FREQUENCY (MHz)
0
-10
-30
0.3
1
10
100
1000
-50
-70
PSRR (V-)
PSRR (V+)
10
-20
-40
-60
-80
20
VIN = 200mVP-P
CL = 23.6pF
RS = 25Ω
FREQUENCY (MHz)
-20
-40
-60
0.001
0.1
10
100
500
-80
-100
CROSSTALK
OFF ISOLATION
-30
-50
-70
-90
-110
-10
1
0.01
3 6
VIN = 1VP-P
CL = 23.6pF
RS = 25Ω
100
10
1
0.1
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 100mVP-P
60
50
40
30
20
10
0
0.1
110
100
FREQUENCY (kHz)
RF = 500Ω
0
0
20ns/DIV
VOUT
S0, S1
0
0
20ns/DIV
VOUT
S0, S1
ISL59442


Numéro de pièce similaire - ISL59442IBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442IBZ INTERSIL-ISL59442IBZ Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ RENESAS-ISL59442IBZ Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IBZ-T13 INTERSIL-ISL59442IBZ-T13 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442IBZ-T13 RENESAS-ISL59442IBZ-T13 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59442IBZ-T7 INTERSIL-ISL59442IBZ-T7 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
More results

Description similaire - ISL59442IBZ

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
ISL59442 INTERSIL-ISL59442_07 Datasheet
420Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59442 RENESAS-ISL59442 Datasheet
681Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier
logo
Intersil Corporation
ISL59444 INTERSIL-ISL59444 Datasheet
579Kb / 11P
   1GHz, 4 x 1 Multiplexing Amplifier with Synchronous Controls
logo
Renesas Technology Corp
ISL59444 RENESAS-ISL59444 Datasheet
770Kb / 13P
   1GHz, 4x1 Multiplexing Amplifier with Synchronous Controls
logo
Intersil Corporation
ISL59424 INTERSIL-ISL59424 Datasheet
780Kb / 13P
   1GHz Triple Multiplexing Amplifiers
logo
Renesas Technology Corp
ISL59424 RENESAS-ISL59424 Datasheet
885Kb / 14P
   1GHz Triple Multiplexing Amplifiers
logo
Intersil Corporation
ISL59424IRZ INTERSIL-ISL59424IRZ Datasheet
707Kb / 14P
   1GHz Triple Multiplexing Amplifiers
September 30, 2011
ISL59452 INTERSIL-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Renesas Technology Corp
ISL59452 RENESAS-ISL59452 Datasheet
1Mb / 15P
   Triple 4:1 Single Supply Video Multiplexing Amplifier
logo
Intersil Corporation
ISL59446 INTERSIL-ISL59446 Datasheet
766Kb / 13P
   500MHz Triple 4:1 Gain-of-2, Multiplexing Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com