Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN5018BMTCX Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FAN5018BMTCX
Description  6-Bit VID Controller 2-4 Phase VR10.X Controller
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5018BMTCX Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN5018BMTCX Datasheet HTML 2Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5018BMTCX Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
FAN5018B
PRODUCT SPECIFICATION
6
REV. 1.0.0 Jul/15/05
DC Gain
( See Note 2)
77
dB
Input Common Mode
Range
CSSUM and CSREF
03
V
Positioning Accuracy
ΔVFB
COMP = FB, Test Circuit 2
-84
-80
-76
mV
Output Voltage Range
ICSCOMP = ±100µA
0.1
3.3
V
Output Current
IO(CSA)
FB forced to VOUT – 3% Source/Sink
300
375
µA
Current Balance Circuit
Input Operating Range
VSW(X)CM
-600
+200
mV
Input Resistance
RSW(X)
SW(X) = 0V
20
30
40
k
Ω
Input Current
ISW(X)
SW(X) = 0V
-10
-7
-4
µA
Input Current Matching
ΔISW(X)
SW(X) = 0V
-5
+5
%
Current Limit Comparator
ILIMIT Output Voltage
Normal Mode
In Shutdown
VILIMIT(NM)
VILIMIT(SD)
RILIMIT = 250kΩ
IILIMIT = -100µA
2.9
3
3.1
400
V
mV
Output Current, Normal
Mode
IILIMIT(NM)
RILIMIT = 250kΩ
12
µA
Maximum Output Current
VIILIMIT = 3V
60
µA
Current Limit Threshold
Voltage
VCL
VCSREF–VCSCOMP, RILIMIT = 250kΩ•
105
125
150
mV
Current Limit Setting Ratio
VCL/IILIMIT
10.4
mV/µA
Latch-off Delay Threshold
VDELAY
In Current Limit
1.7
1.8
1.9
V
Latch-off Delay Time
tDELAY
RDELAY = 250kΩ, CDELAY = 4.7nF
600
µs
Soft Start
Output Current,
Soft start Mode
IDELAY(SS)
During Start-up, DELAY < 2.8V
-25
-20
-15
µA
Soft Start Delay Time
TDELAY(SS)
RDELAY = 250kΩ, CDELAY = 4.7nF,
VID = 011111 (1.475V)
400
µs
Enable Input
Input Low Voltage
VIL(EN)
0.4
V
Input High Voltage
VIH(EN)
0.8
V
Input Current, EN Low
IIL(EN)
EN = 0V
-1
1
µA
Input Current, EN High
IIH(EN)
EN = 1.25V
10
25
µA
Power Good Comparator
Under voltage Threshold
VPWRGD(UV)
Relative to DAC Output
-325
-250
-200
mV
Over voltage Threshold
VPWRGD(OV)
Relative to DAC Output
180
300
400
mV
Output Low Voltage
VOL(PWRGD)
IPWRGD(SINK) = 4mA
225
400
mV
Electrical Specifications (continued)
(VCC = 12V, TA = 0°C to +85°C and FBRTN=GND, using circuit in Figure 1, unless otherwise noted.)
The
• denotes specifications which apply over the full operating temperature range.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Notes:
1. All limits at operating temperature extremes are guaranteed by design, characterization and statistical quality control
2. Guaranteed by design – NOT tested in production.


Numéro de pièce similaire - FAN5018BMTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019BMTCX FAIRCHILD-FAN5019BMTCX Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019MTC FAIRCHILD-FAN5019MTC Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN5019MTCX FAIRCHILD-FAN5019MTCX Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
More results

Description similaire - FAN5018BMTCX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN5019B FAIRCHILD-FAN5019B Datasheet
508Kb / 30P
   6-Bit VID Controller 2-4 Phase VR10.X Controller
FAN5019 FAIRCHILD-FAN5019 Datasheet
781Kb / 30P
   6-Bit VID Controller 2-4 Phase VRM10.X Controller
FAN53168 FAIRCHILD-FAN53168 Datasheet
397Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
FAN53180 FAIRCHILD-FAN53180 Datasheet
851Kb / 28P
   6-Bit VID Controlled 2-4 Phase DC-DC Controller
logo
Intersil Corporation
ISL6556A INTERSIL-ISL6556A Datasheet
702Kb / 24P
   Optimized Multi-Phase PWM Controller with 6-Bit DAC for VR10.X Application
logo
STMicroelectronics
L6710 STMICROELECTRONICS-L6710 Datasheet
1Mb / 34P
   6 BIT PROGRAMMABLE DUAL-PHASE CONTROLLER WITH DYNAMIC VID MANAGEMENT
March 2004
logo
Renesas Technology Corp
ISL6556A RENESAS-ISL6556A Datasheet
1Mb / 24P
   Optimized Multiphase PWM Controller with 6-Bit DAC for VR10.X Application
logo
Maxim Integrated Produc...
MAX8720 MAXIM-MAX8720 Datasheet
987Kb / 31P
   Dynamically Adjustable 6-Bit VID Step-Down Controller
Rev 1; 8/04
logo
Analog Devices
ADP3194 AD-ADP3194 Datasheet
649Kb / 32P
   6-Bit, Programmable 2-/3-/4-Phase, Synchronous Buck Controller
ADP3180 AD-ADP3180 Datasheet
529Kb / 20P
   6-Bit Programmable 2-, 3-, 4-Phase Synchronous Buck Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com