Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


CH5101A Datasheet(Fiches technique) 6 Page - List of Unclassifed Manufacturers

Numéro de pièce CH5101A
Description  CMOS Monochrome Digital Video Camera
Télécharger  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo 

 6 page
background image
6
201-0000-033 Rev 1.0, 6/2/99
CHRONTEL
CH5101A
Pin
Type
Symbol
Description
40,46,51
(33, 39, 44)
Power
AVDD
Analog Supply Voltage
Supplies the 5V power to the analog section of the CH5101.
41
(34)
Out
VREF
Voltage Reference
VREF provides a 1.235V reference. A 0.01
µF decoupling capacitor
should be connected between VREF and AGND.
37,43,48
(30, 36, 41)
Power
AGND
Analog Ground
These pins provide the ground reference for the analog section of
CH5101. Pins must be connected to the system ground to prevent
latchup.
42
(35)
Out
CRF
Column Filter
CRF provides a 2.5 V reference that is used as a bias to the column
sample and holds. A
0.1
µF decoupling capacitor should be connected
between CRF and AGND.
49,50
(42, 43)
In/Out
TOUT, TOUTB
Test Mode I/O Pins
For test purposes only. Should be NC.
44,45
(37, 38)
Out
ARF2, ARF
Array Filters
A 0.1uF decoupling capacitors should be connected between each of
the pins and AGND.
47
(40)
Out
VRS
Array Bias Filter
VRS provides a 2.1V reference. A
0.1
µF decoupling capacitor should
be connected between VRS and AGND.
32,33
(25,26)
NC
No Connect
These pins to be left open
35
(28)
In
PDP*
Power Down Pin (active low, internal pullup)
0 = Power Down
52
(45)
Out
CMB2
Bias Filter
A 0.1
µF decoupling capacitor should be connected between CMB2 and
AGND.
Table 1. Pin Descriptions
Note: Pin numbers in parenthesis ( ) are for 52 pin PQFP




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
CH5001ACMOS COLOR DIGITAL VIDEO CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
BD6300KU3 in 1 Motor Driver for Digital Video Camera 1 2 3 4 5 MoreRohm
OV6630SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
KS7332KS7332 is a digital image signal handling IC aimed at improving image contrast and counter light correction applicable to CCD-using video camera syst 1 2 3 4 5 MoreSamsung semiconductor
BD6637KS3 in 1 Motor Driver for Digital Video Camera 1 2 3 4 5 MoreRohm
STV0674Tri-mode CMOS digital camera co-processor 1 2 3 4 5 MoreSTMicroelectronics
VP7610COLOUR DIGITAL VIDEO CAMERA DECODER IC 1 2 3 4 5 MoreList of Unclassifed Manufacturers
AN2050FBCCD Monochrome Video Camera Signal Processor IC 1 2 3 4 Panasonic Semiconductor
VV5404Mono and Colour Digital Video CMOS Image Sensors 1 2 3 4 5 MoreSTMicroelectronics

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl