Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI-3050KM-TL Fiches technique(PDF) 8 Page - Allegro MicroSystems

No de pièce SI-3050KM-TL
Description  1 A, Low-Dropout, 5.0 V Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ALLEGRO [Allegro MicroSystems]
Site Internet  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3050KM-TL Fiches technique(HTML) 8 Page - Allegro MicroSystems

  SI-3050KM-TL Datasheet HTML 1Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 2Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 3Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 4Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 5Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 6Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 7Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 8Page - Allegro MicroSystems SI-3050KM-TL Datasheet HTML 9Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
SI-3050KM
1 A, Low-Dropout,
5.0 V Regulator
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036
Linear
Regulators
8
Tape and Reel Dimensions in Millimeters
W1: 16.4 +2/-0 mm
W2: 22.4 mm Max.
W3: 16.4 +3/-0.5 mm


Numéro de pièce similaire - SI-3050KM-TL

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
149Kb / 12P
   Surface Mount, Low Current Consumption, Low Dropout Voltage Linear Regulator ICs
logo
Sanken electric
SI-3050KM SANKEN-SI-3050KM Datasheet
149Kb / 12P
   Surface Mount Low Current Consumption Low Dropout Voltage Linear Regulator ICs
More results

Description similaire - SI-3050KM-TL

FabricantNo de pièceFiches techniqueDescription
logo
Allegro MicroSystems
SI-3033KM ALLEGRO-SI-3033KM Datasheet
330Kb / 9P
   1 A, Low-Dropout, 3.3 V Regulator
SI-3018KM ALLEGRO-SI-3018KM Datasheet
371Kb / 9P
   1 A, Low-Dropout, 1.8 V Regulator
SI-3090KM ALLEGRO-SI-3090KM Datasheet
353Kb / 9P
   1 A, Low-Dropout, 9.0 V Regulator
SI-3120KM ALLEGRO-SI-3120KM Datasheet
346Kb / 9P
   1 A, Low-Dropout, 12 V Regulator
SI-3025KM ALLEGRO-SI-3025KM Datasheet
331Kb / 9P
   1 A, Low-Dropout, 2.5 V Regulator
SI-3010KM ALLEGRO-SI-3010KM Datasheet
349Kb / 9P
    1 A, Low-Dropout, 1.0~16 V Regulator
SI-3012KM ALLEGRO-SI-3012KM Datasheet
338Kb / 9P
   1 A, Low-Dropout, 1.28~15 V Regulator
logo
Texas Instruments
LM2940 TI1-LM2940 Datasheet
290Kb / 16P
[Old version datasheet]   1-A LOW-DROPOUT VOLTAGE REGULATOR
MAY 2006
logo
Allegro MicroSystems
SI-3010LLSL ALLEGRO-SI-3010LLSL Datasheet
1Mb / 9P
   1.5 A, Ultra-Low-Dropout, 1~3.3 V Regulator
logo
SeCoS Halbleitertechnol...
SJ1212 SECOS-SJ1212 Datasheet
396Kb / 3P
   1 A Low Dropout Positive Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com