Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34262P Fiches technique(PDF) 11 Page - ON Semiconductor

No de pièce MC34262P
Description  POWER FACTOR CONTROLLERS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC34262P Fiches technique(HTML) 11 Page - ON Semiconductor

Back Button MC34262P Datasheet HTML 7Page - ON Semiconductor MC34262P Datasheet HTML 8Page - ON Semiconductor MC34262P Datasheet HTML 9Page - ON Semiconductor MC34262P Datasheet HTML 10Page - ON Semiconductor MC34262P Datasheet HTML 11Page - ON Semiconductor MC34262P Datasheet HTML 12Page - ON Semiconductor MC34262P Datasheet HTML 13Page - ON Semiconductor MC34262P Datasheet HTML 14Page - ON Semiconductor MC34262P Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
MC34262 MC33262
11
MOTOROLA ANALOG IC DEVICE DATA
2
0.68
C1
1.5V
Error Amp
Overvoltage
Comparator
+
1.08 Vref
+
Quickstart
10
µA
10pF
20k
+
+
1.6V/
1.4V
Timer R
330
C3
100
C4
13V/
8.0V
MTP
14N50E
Q1
1.3M
R5
Figure 20. 175 W Universal Input Power Factor Controller
+
+
+
RFI
Filter
C5
D4
D3
D2
D1
0.01
C2
6.7V
Zero Current
Detector
VO
T
UVLO
Current Sense
Comparator
RS
Latch
1.2V
36V
2.5V
Reference
16V
10
Drive
Output
10
Multiplier
Delay
90 to 268
Vac
1
12k
R3
22k
R4
100k
R6
1N4934
D6
10k
R1
1.6M
R2
0.1
R7
4
7
8
5
3
1
MUR460
D5
400V/0.44A
6
Vref
Power Factor Controller Test Data
AC Line Input
DC Output
Current Harmonic Distortion (% Ifund)
Vrms
Pin
PF
Ifund
THD
23
57
VO(pp)
VO
IO
PO
η(%)
90
193.3
0.991
2.15
2.8
0.18
2.6
0.55
1.0
3.3
402.1
0.44
176.9
91.5
120
190.1
0.998
1.59
1.6
0.10
1.4
0.23
0.72
3.3
402.1
0.44
176.9
93.1
138
188.2
0.999
1.36
1.2
0.12
1.3
0.65
0.80
3.3
402.1
0.44
176.9
94.0
180
184.9
0.998
1.03
2.0
0.10
0.49
1.2
0.82
3.4
402.1
0.44
176.9
95.7
240
182.0
0.993
0.76
4.4
0.09
1.6
2.3
0.51
3.4
402.1
0.44
176.9
97.2
268
180.9
0.989
0.69
5.9
0.10
2.3
2.9
0.46
3.4
402.1
0.44
176.9
97.8
= Coilcraft N2880–A
Primary: 78 turns of # 16 AWG
Secondary: 6 turns of # 18 AWG
Core: Coilcraft PT4215, EE 42–15
Gap: 0.104
″ total for a primary inductance (LP) of 870 µH
= AAVID Engineering Inc. 590302B03600
T
Heatsink
This data was taken with the test set–up shown in Figure 24.


Numéro de pièce similaire - MC34262P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34262P ONSEMI-MC34262P Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
MC34262PG ONSEMI-MC34262PG Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
More results

Description similaire - MC34262P

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC34261 ONSEMI-MC34261 Datasheet
500Kb / 13P
   Power Factor Controllers
July, 2006 ??Rev. 3
MC34262 ONSEMI-MC34262_05 Datasheet
394Kb / 19P
   Power Factor Controllers
November, 2005 ??Rev. 9
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262_11 Datasheet
549Kb / 9P
   Power Factor Controllers
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_13 Datasheet
399Kb / 19P
   Power Factor Controllers
August, 2013 ??Rev. 14
logo
IK Semicon Co., Ltd
IL34262 IKSEMICON-IL34262 Datasheet
696Kb / 9P
   Power Factor Controllers
logo
List of Unclassifed Man...
IL34262 ETC-IL34262 Datasheet
316Kb / 12P
   Power Factor Controllers
logo
Guangdong Kexin Industr...
MC34262 KEXIN-MC34262 Datasheet
676Kb / 8P
   Power Factor Controllers
logo
Unisonic Technologies
MC34262 UTC-MC34262 Datasheet
206Kb / 6P
   POWER FACTOR CONTROLLERS
logo
ON Semiconductor
MC34262 ONSEMI-MC34262_11 Datasheet
401Kb / 19P
   Power Factor Controllers
September, 2011 ??Rev. 13
logo
Motorola, Inc
MC34261 MOTOROLA-MC34261 Datasheet
309Kb / 12P
   POWER FACTOR CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com