Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BTA225-600B Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BTA225-600B
Description  Three quadrant triacs high commutation
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA225-600B Fiches technique(HTML) 5 Page - NXP Semiconductors

  BTA225-600B Datasheet HTML 1Page - NXP Semiconductors BTA225-600B Datasheet HTML 2Page - NXP Semiconductors BTA225-600B Datasheet HTML 3Page - NXP Semiconductors BTA225-600B Datasheet HTML 4Page - NXP Semiconductors BTA225-600B Datasheet HTML 5Page - NXP Semiconductors BTA225-600B Datasheet HTML 6Page - NXP Semiconductors BTA225-600B Datasheet HTML 7Page - NXP Semiconductors BTA225-600B Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
September 1997
5
Rev 1.200
Philips Semiconductors
Product specification
Three quadrant triacs
high commutation
BTA225 series B
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical, critical rate of change of commutating
current dI
com/dt versus junction temperature.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BTA216
Tj / C
T2+ G+
T2+ G-
T2- G-
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
3
0
10
20
30
40
50
60
70
80
BTA140
VT / V
IT / A
Tj = 125 C
Tj = 25 C
Vo = 1.073 V
Rs = 0.015 ohms
typ
max
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
0.001
0.01
0.1
1
10
BTA140
tp / s
Zth j-mb (K/W)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
t
p
P
t
D
bidirectional
unidirectional
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
20
40
60
80
100
120
140
1
10
100
1000
BTA225
Tj / C
dIcom/dt (A/ms)


Numéro de pièce similaire - BTA225-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA225-600B PHILIPS-BTA225-600B Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
logo
WeEn Semiconductors
BTA225-600B WEEN-BTA225-600B Datasheet
286Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA225-600B ISC-BTA225-600B Datasheet
273Kb / 2P
   isc Triacs
logo
NXP Semiconductors
BTA225-600BT PHILIPS-BTA225-600BT Datasheet
66Kb / 12P
   Three quadrant triacs high commutation
Rev. 01-3 March 2005
logo
WeEn Semiconductors
BTA225-600BT WEEN-BTA225-600BT Datasheet
249Kb / 13P
   3Q Hi-Com Triac
More results

Description similaire - BTA225-600B

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com