Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33025 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC33025
Description  High Speed Double-Ended PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33025 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC33025 Datasheet HTML 1Page - ON Semiconductor MC33025 Datasheet HTML 2Page - ON Semiconductor MC33025 Datasheet HTML 3Page - ON Semiconductor MC33025 Datasheet HTML 4Page - ON Semiconductor MC33025 Datasheet HTML 5Page - ON Semiconductor MC33025 Datasheet HTML 6Page - ON Semiconductor MC33025 Datasheet HTML 7Page - ON Semiconductor MC33025 Datasheet HTML 8Page - ON Semiconductor MC33025 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
MC34025 MC33025
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Power Supply Voltage
VCC
30
V
Output Driver Supply Voltage
VC
20
V
Output Current, Source or Sink (Note 1)
DC
Pulsed (0.5
µs)
IO
0.5
2.0
A
Current Sense, Soft–Start, Ramp, and Error Amp Inputs
Vin
– 0.3 to +7.0
V
Error Amp Output and Soft–Start Sink Current
IO
10
mA
Clock and RT Output Current
ICO
5.0
mA
Power Dissipation and Thermal Characteristics
SO–16 Package (Case 751G)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction–to–Air
DIP Package (Case 648)
Maximum Power Dissipation @ TA = + 25°C
Thermal Resistance, Junction–to–Air
PD
R
θJA
PD
R
θJA
862
145
1.25
100
mW
°C/W
W
°C/W
Operating Junction Temperature
TJ
+150
°C
Operating Ambient Temperature (Note 2)
MC34025
MC33025
TA
0 to +70
– 40 to +105
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (VCC = 15 V, RT = 3.65 kΩ, CT = 1.0 nF, for typical values TA = + 25°C, for min/max values TA is
the operating ambient temperature range that applies [Note 2], unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
REFERENCE SECTION
Reference Output Voltage (IO = 1.0 mA, TJ = + 25°C)
Vref
5.05
5.1
5.15
V
Line Regulation (VCC = 10 V to 30 V)
Regline
2.0
15
mV
Load Regulation (IO = 1.0 mA to 10 mA)
Regload
2.0
15
mV
Temperature Stability
TS
0.2
mV/
°C
Total Output Variation over Line, Load, and Temperature
Vref
4.95
5.25
V
Output Noise Voltage (f = 10 Hz to 10 kHz, TJ = + 25°C)
Vn
50
µV
Long Term Stability (TA = +125°C for 1000 Hours)
S
5.0
mV
Output Short Circuit Current
ISC
–30
–65
–100
mA
OSCILLATOR SECTION
Frequency
TJ = + 25°C
Line (VCC = 10 V to 30 V) and Temperature (TA = Tlow to Thigh)
fosc
380
370
400
400
420
430
kHz
Frequency Change with Voltage (VCC = 10 V to 30 V)
∆fosc/∆V
0.2
1.0
%
Frequency Change with Temperature (TA = Tlow to Thigh)
∆fosc/∆T
2.0
%
Sawtooth Peak Voltage
VP
2.6
2.8
3.0
V
Sawtooth Valley Voltage
VV
0.7
1.0
1.25
V
Clock Output Voltage
High State
Low State
VOH
VOL
3.9
4.5
2.3
2.9
V
NOTES: 1. Maximum package power dissipation limits must be observed.
2. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
Tlow = 0°C for MC34025
Thigh = +70°C for MC34025
Tlow = – 40°C for MC33025
Thigh = +105°C for MC33025


Numéro de pièce similaire - MC33025

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33025 ONSEMI-MC33025 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC33025 ONSEMI-MC33025 Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
MC33025DW ONSEMI-MC33025DW Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC33025DWG ONSEMI-MC33025DWG Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
MC33025DWG ONSEMI-MC33025DWG Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
More results

Description similaire - MC33025

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33025 ONSEMI-MC33025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34025 ONSEMI-MC34025_12 Datasheet
499Kb / 20P
   High Speed Double-Ended PWM Controller
October, 2012 ??Rev. 9
MC34023 ONSEMI-MC34023 Datasheet
470Kb / 19P
   High Speed Single-Ended PWM Controller
Rev 2
MC34025 ONSEMI-MC34025_05 Datasheet
473Kb / 20P
   High Speed Double?묮nded PWM Controller
October, 2005 ??Rev. 7
logo
Renesas Technology Corp
ISL6742B RENESAS-ISL6742B Datasheet
969Kb / 20P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742AAZA INTERSIL-ISL6742AAZA Datasheet
404Kb / 18P
   Advanced Double-Ended PWM Controller
October 31, 2008
logo
Renesas Technology Corp
ISL6742 RENESAS-ISL6742 Datasheet
912Kb / 18P
   Advanced Double-Ended PWM Controller
logo
Intersil Corporation
ISL6742 INTERSIL-ISL6742 Datasheet
407Kb / 18P
   Advanced Double-Ended PWM Controller
ISL6742BAAZA INTERSIL-ISL6742BAAZA Datasheet
575Kb / 20P
   Advanced Double-Ended PWM Controller
January 31, 2014
ISL6742B INTERSIL-ISL6742B Datasheet
589Kb / 20P
   Advanced Double-Ended PWM Controller
November 3, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com