Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

X9525 Fiches technique(PDF) 14 Page - Intersil Corporation

No de pièce X9525
Description  Fiber Channel/Gigabit Etherner Laser Diode Control for Fiber Optic Modules
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTERSIL [Intersil Corporation]
Site Internet  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9525 Fiches technique(HTML) 14 Page - Intersil Corporation

Back Button X9525 Datasheet HTML 10Page - Intersil Corporation X9525 Datasheet HTML 11Page - Intersil Corporation X9525 Datasheet HTML 12Page - Intersil Corporation X9525 Datasheet HTML 13Page - Intersil Corporation X9525 Datasheet HTML 14Page - Intersil Corporation X9525 Datasheet HTML 15Page - Intersil Corporation X9525 Datasheet HTML 16Page - Intersil Corporation X9525 Datasheet HTML 17Page - Intersil Corporation X9525 Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
14
FN8210.0
March 10, 2005
For example, a sequence of writes to the device CON-
STAT register consisting of [02H, 06H, 02H] will reset the
BL0 and BL0 bits in the CONSTAT Register to “0”.
It should be noted that a write to any nonvolatile bit of
CONSTAT register will be ignored if the Write Protect pin
of the X9525 is active (HIGH) (See "WP: Write Protection
Pin").
CONSTAT Register Read Operation
The contents of the CONSTAT Register can be read at
any time by performing a random read (See Figure 19).
Using the Slave Address Byte set to 1010A0101, and an
Address Byte of FFh. Only one byte is read by each reg-
ister read operation. The X9525 resets itself after the first
byte is read. The master should supply a STOP condition
to be consistent with the bus protocol.
After setting the WEL and / or the RWEL bit(s) to a “1”, a
CONSTAT register read operation may occur, without
interrupting a proceeding CONSTAT register write oper-
ation.
When reading the contents of the CONSTAT register,
the bits CS7-CS5 and CS0 will always return “0”.
DATA PROTECTION
There are a number of levels of data protection features
designed into the X9525. Any write to the device first
requires setting of the WEL bit in the CONSTAT register.
A write to the CONSTAT register itself, further requires
the setting of the RWEL bit. Block Lock protection of the
device enables the user to inhibit writes to certain regions
of the EEPROM memory, as well as to all the DCPs. One
further level of data protection in the X9525, is incorpo-
rated in the form of the Write Protection pin.
WP: Write Protection Pin
When the Write Protection (WP) pin is active (HIGH), it
disables nonvolatile write operations to the X9525.
The table below (X9525 Write Permission Status) sum-
marizes the effect of the WP pin (and Block Lock), on the
write permission status of the device.
Additional Data Protection Features
In addition to the preceding features, the X9525 also
incorporates the following data protection functionality:
—The proper clock count and data bit sequence is
required prior to the STOP bit in order to start a nonvol-
atile write cycle.
X9525 Write Permission Status
Figure 19. CONSTAT Register Read Command Sequence
0
Slave Address
Address Byte
A
C
K
A
C
K
S
t
a
r
t
S
t
o
p
Slave Address
Data
A
C
K
1
S
t
a
r
t
SDA Bus
Signals from
the Slave
Signals from
the Master
0 1 0
0 1 0
1
1 0 1 0
0 0 0
READ Operation
WRITE Operation
“Dummy” Write
A
0
1 1 1 1 1 1 1 1
A
0
Block Lock
Bits
WP
DCP Volatile Write
Permitted
DCP Nonvolatile
Write Permitted
Write to EEPROM
Permitted
Write to CONSTAT Register
Permitted
BL0
BL1
Volatile Bits
Nonvolatile Bits
x1
1
NO
NO
NO
YES
NO
1x
1
NO
NO
NO
YES
NO
0
0
1
YES
NO
NO
YES
NO
x
1
0
NO
NO
Not in locked region
YES
YES
1x
0
NO
NO
Not in locked region
YES
YES
00
0
YES
YES
Yes (All Array)
YES
YES
X9525


Numéro de pièce similaire - X9525

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9525 INTERSIL-X9525 Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9525V20I INTERSIL-X9525V20I Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
logo
Renesas Technology Corp
X9525V20I RENESAS-X9525V20I Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
logo
Intersil Corporation
X9525V20IZ INTERSIL-X9525V20IZ Datasheet
366Kb / 24P
   Dual DCP, EEPROM Memory
More results

Description similaire - X9525

FabricantNo de pièceFiches techniqueDescription
logo
Intersil Corporation
X9521 INTERSIL-X9521 Datasheet
415Kb / 25P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523_06 Datasheet
401Kb / 28P
   Laser Diode Control for Fiber Optic Modules
X9523 INTERSIL-X9523 Datasheet
509Kb / 30P
   Laser Diode Control for Fiber Optic Modules
X9522 INTERSIL-X9522 Datasheet
486Kb / 29P
   Laser Diode Control for Fiber Optic Modules
logo
Renesas Technology Corp
X9521 RENESAS-X9521 Datasheet
935Kb / 24P
   Dual DCP, EEPROM Memory Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules
X9525 RENESAS-X9525 Datasheet
1,013Kb / 26P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Dual DCP, EEPROM Memory
X9520 RENESAS-X9520 Datasheet
1Mb / 29P
   Fiber Channel/Gigabit Ethernet Laser Diode Control for Fiber Optic Modules Triple DCP, POR, 2kbit EEPROM Memory, Dual Voltage Monitors
X9522 RENESAS-X9522 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Triple DCP, Dual Voltage Monitors
X9523 RENESAS-X9523 Datasheet
1Mb / 29P
   Laser Diode Control for Fiber Optic Modules Dual DCP, POR, Dual Voltage Monitors
logo
California Eastern Labs
NX6510GH CEL-NX6510GH Datasheet
946Kb / 6P
   LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com