Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GRM188B11E112JA01 Fiches technique(PDF) 8 Page - Murata Manufacturing Co., Ltd

No de pièce GRM188B11E112JA01
Description  Chip Monolithic Ceramic Capacitor for General
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MURATA1 [Murata Manufacturing Co., Ltd]
Site Internet  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GRM188B11E112JA01 Fiches technique(HTML) 8 Page - Murata Manufacturing Co., Ltd

Back Button GRM188B11E112JA01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd GRM188B11E112JA01 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
 (4)GRM18/21/31/32
(in:mm)
<Paper Tape>
<Plastic Tape>
L
W
T
1.6±0.1
0.8±0.1
1.05±0.10
1.85±0.10
5
0.5±0.05
6
0.6 +0/-0.1
7
0.7±0.1
1.6±0.1
0.8±0.1
0.8±0.1
8
1.6±0.15
0.8±0.15
0.8±0.15
1.6±0.2
0.8±0.2
0.8±0.2
1.10±0.10
2.00±0.10
0.6±0.1
0.6 +0/-0.15
0.85±0.05
0.85±0.1
0.85 +0.15/-0.1
0.85 +0/-0.2
2.0±0.15
1.25±0.15
0.85 +0.15/-0.05
1.50±0.20
2.30±0.20
2.0±0.1
1.25±0.1
1.0 +0/-0.2
1.45±0.20
2.25±0.20
2.0±0.2
1.25±0.2
1.0±0.2
1.50±0.20
2.30±0.20
2.0±0.1
1.25±0.1
1.25±0.1
1.45±0.20
2.25±0.20
B
2.0±0.15
1.25±0.15
1.25±0.15
2.0±0.2
1.25±0.2
1.25±0.2
6
0.6±0.1
3.2±0.2
1.6±0.2
B
1.25±0.1
1.15±0.1
1.15±0.15
X
1.2±0.1
1.6±0.2
3.2±0.3
1.6±0.3
1.6±0.3
2.10±0.20
3.60±0.20
9
0.85 +0.15/-0.05
2.80±0.20
3.60±0.20
1.15 max.
Paper Tape
A
1.0 +0/-0.2
M
1.15±0.1
N
1.35±0.15
C
1.6±0.2
R
1.8±0.2
D
2.0±0.2
E
2.5±0.2
3.7 max.
Dimensions
of Tape
Package
GRM Type
1.15 max.
2.0±0.1
2.0±0.2
1.25±0.1
0.85±0.1
1.7 max.
Plastic Tape
A
Type
Dimensions(Chip)
A
B
t
1.6±0.2
Plastic Tape
2.5 max.
3.0 max.
M
C
2.5 max.
3.2±0.3
1.6±0.15
1.6±0.2
2.5±0.2
GRM32
2.80±0.20
3.50±0.20
1.7 max.
GRM31
2.00±0.20
3.60±0.20
1.15 max.
0.85±0.1
1.6±0.15
Paper Tape
9
1.90±0.20
3.50±0.20
1.7 max.
Plastic Tape
2.0 max.
1.50±0.20
2.30±0.20
3.2±0.15
3.2±0.15
3.2±0.2
GRM21
6
1.55±0.15
2.30±0.15
9
Paper Tape
1.05±0.10
1.85±0.10
1.25±0.2
0.8±0.2
0.8 max.
0.5 +0/-0.1
GRM18
1.10±0.10
2.00±0.10
4.0±0.1
4.0±0.1
2.0±0.1
φ1.5
+0.1
-0
t
4.0±0.1
t
2.0±0.1
φ1.5
+0.1
-0
4.0±0.1
0.25±0.1(T≦2.0mm)
0.3±0.1(T:2.5mm)
JEMCGP-01796E
8


Numéro de pièce similaire - GRM188B11E112JA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GRM188B11E112KA01 MURATA1-GRM188B11E112KA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01D MURATA1-GRM188B11E112KA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112KA01J MURATA1-GRM188B11E112KA01J Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01 MURATA1-GRM188B11E112MA01 Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM188B11E112MA01D MURATA1-GRM188B11E112MA01D Datasheet
855Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
More results

Description similaire - GRM188B11E112JA01

FabricantNo de pièceFiches techniqueDescription
logo
Murata Manufacturing Co...
GR331AD72W103KW01 MURATA-GR331AD72W103KW01 Datasheet
695Kb / 25P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2H821JW01 MURATA-GRM31B5C2H821JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM31B5C2J681JW01 MURATA-GRM31B5C2J681JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224KE19 MURATA-GRM152C80J224KE19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E5R1WA03 MURATA-GRM0225C1E5R1WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152C80J224ME19 MURATA-GRM152C80J224ME19 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R7WA03 MURATA-GRM0225C1E6R7WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM152D70G104KE15 MURATA-GRM152D70G104KE15 Datasheet
838Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM0225C1E6R8WA03 MURATA-GRM0225C1E6R8WA03 Datasheet
836Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM21BR71H563KA01 MURATA-GRM21BR71H563KA01 Datasheet
828Kb / 30P
   Chip Monolithic Ceramic Capacitor for General
GRM31A5C2H100JW01 MURATA-GRM31A5C2H100JW01 Datasheet
1Mb / 28P
   Chip Monolithic Ceramic Capacitor for General
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com