Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TW3142 Fiches technique(PDF) 1 Page - Tallysman Wireless Inc.

No de pièce TW3142
Description  TW3142 High Gain / High Rejection Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TALLYSMAN [Tallysman Wireless Inc.]
Site Internet  https://www.tallysman.com/
Logo TALLYSMAN - Tallysman Wireless Inc.

TW3142 Fiches technique(HTML) 1 Page - Tallysman Wireless Inc.

  TW3142 Datasheet HTML 1Page - Tallysman Wireless Inc. TW3142 Datasheet HTML 2Page - Tallysman Wireless Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A Tallysman Accutenna®
TW3142 High Gain / High Rejection Antenna
Applications
Timing systems
Long cable runs
Features
Dual Feed Patch Antenna
Low Loss SAW Pre-Filter
Great axial ratio: 1 dB typ.
Low noise LNA: 3.5dB typ
Dual High rejection SAW filter
High gain LNA: 40 dB typ.
Low current: 19 mA typ.
Wide voltage input range: 2.7 to 16 VDC
IP67 weather proof housing
Benefits
• Great out of band rejection
• Excellent multipath rejection
• Excellent circular polarisation
• Excellent signal to noise ratio
• Increased system accuracy
• Ideal for harsh environments
• RoHS and REACH compliant
The TW3142 is a high-gain GPS antenna specifically designed
for applications in environments where high levels of near-
out-of-band interfering signals can be expected. This antenna
features a 40dB LNA gain to handle long cable runs.
The TW3142 covers the GPS L1 and SBAS (WAAS, EGNOS &
MSAS) frequency band and employs Tallysman’s unique
Accutenna™ technology to provide excellent cross polarization
rejection and greatly enhanced multipath rejection.
The TW3142 features a three (3) stage dual filtered LNA plus
an additional SAW pre-filter to provide exceptional rejection
of close out-of-band signals and additional protection against
saturation by high level sub-harmonic and L-Band signals..
The TW3142 housing has a permanent mount, IP67 compliant
metal base, and an extended temperature range plastic
radome, and is specifically designed to withstand the most
challenging environmental conditions.
Two options for pole mounting are available an L-bracket
(P/N#23-0040-0) or a pipe mount (P/N#23-0065-0).


Numéro de pièce similaire - TW3142

FabricantNo de pièceFiches techniqueDescription
logo
Tallysman Wireless Inc.
TW3100 TALLYSMAN-TW3100 Datasheet
490Kb / 2P
   TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3101 TALLYSMAN-TW3101 Datasheet
395Kb / 2P
   TW3101 Non Magnetic GPS L1 Antenna
TW3102 TALLYSMAN-TW3102 Datasheet
490Kb / 2P
   TW3100 / TW3102 Permanent Mount GPS L1 Antenna
TW3150 TALLYSMAN-TW3150 Datasheet
250Kb / 2P
   TW3150/52 High Gain / High Rejection Timing Antenna
TW3152 TALLYSMAN-TW3152 Datasheet
250Kb / 2P
   TW3150/52 High Gain / High Rejection Timing Antenna
More results

Description similaire - TW3142

FabricantNo de pièceFiches techniqueDescription
logo
PCTEL, Inc.
3978D-HR-DH-W PCTEL-3978D-HR-DH-W Datasheet
196Kb / 1P
   High Gain & High Rejection Permanent Mount GPS Antenna
logo
Tallysman Wireless Inc.
TW3150 TALLYSMAN-TW3150 Datasheet
250Kb / 2P
   TW3150/52 High Gain / High Rejection Timing Antenna
TW3752 TALLYSMAN-TW3752 Datasheet
583Kb / 2P
   TW3752 High Gain / High Rejection GPS GLONASS Galileo BeiDou Timing Antenna
logo
PCTEL, Inc.
8171D-HR-DH-W PCTEL-8171D-HR-DH-W Datasheet
166Kb / 1P
   GNSS High Rejection Time Sync Antenna
8111D-HR PCTEL-8111D-HR Datasheet
346Kb / 4P
   Stingray GNSS Magnetic High Rejection Tracking Antenna GNSS/GPS Antennas - High Rejection
March 2021
logo
List of Unclassifed Man...
WLP4958124A02 ETC2-WLP4958124A02 Datasheet
1Mb / 11P
   Embedded High Gain Antenna
logo
Laird Tech Smart Techno...
YA9W-11 LSTD-YA9W-11 Datasheet
1Mb / 2P
   High gain directional antenna
logo
CTS Corporation
CER0032A CTS-CER0032A Datasheet
84Kb / 2P
   High Rejection
CER0023A CTS-CER0023A Datasheet
82Kb / 2P
   High Rejection
logo
World Produts Inc.
WPANT67002-R1A WPI-WPANT67002-R1A Datasheet
73Kb / 2P
   High Gain GPS Body-mount Antenna
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com