Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33078 Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC33078
Description  DUAL/QUAD LOW NOISE OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC33078 Fiches technique(HTML) 6 Page - ON Semiconductor

Back Button MC33078 Datasheet HTML 2Page - ON Semiconductor MC33078 Datasheet HTML 3Page - ON Semiconductor MC33078 Datasheet HTML 4Page - ON Semiconductor MC33078 Datasheet HTML 5Page - ON Semiconductor MC33078 Datasheet HTML 6Page - ON Semiconductor MC33078 Datasheet HTML 7Page - ON Semiconductor MC33078 Datasheet HTML 8Page - ON Semiconductor MC33078 Datasheet HTML 9Page - ON Semiconductor MC33078 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MC33078 MC33079
6
MOTOROLA ANALOG IC DEVICE DATA
Figure 17. Open Loop Voltage Gain
versus Temperature
Figure 18. Output Impedance
versus Frequency
Figure 19. Channel Separation
versus Frequency
Figure 20. Total Harmonic Distortion
versus Frequency
Figure 21. Total Harmonic Distortion
versus Output Voltage
Figure 22. Slew Rate versus Supply Voltage
TA, AMBIENT TEMPERATURE (°C)
–55
–25
0
25
50
75
100
125
VCC = +15 V
VEE = –15 V
RL = 2.0 kΩ
f
≤ 10 Hz
∆VO = –10 V to +10 V
f, FREQUENCY (Hz)
1.0 k
10 k
100 k
1.0 M
10 M
VCC = +15 V
VEE = –15 V
VO = 0 V
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
f, FREQUENCY (Hz)
CS = 20 Log
∆VOA
∆VOM
10
100
1.0 k
100 k
10 k
Drive Channel
VCC = +15 V
VEE = –15 V
RL = 2.0 KΩ
∆VOD = 20 Vpp
TA = 25°C
MC33078
MC33079
f, FREQUENCY (Hz)
10
100
1.0 k
10 k
100 k
VCC = +15 V
VEE = –15 V
VO = 1.0 Vrms
TA = 25°C
VO, OUTPUT VOLTAGE (Vrms)
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
VCC = +15 V
VEE = –15 V
f = 2.0 kHz
TA = 25°C
AV = 1000
AV = 100
AV = 10
AV = 1.0
VCC |VEE| , SUPPLY VOLTAGE (V)
Falling
5.0
10
15
20
Vin = 2/3 (VCC –VEE)
TA = 25°C
Rising
110
105
100
95
90
50
40
30
20
10
0
160
150
140
130
120
110
100
1.0
0.1
0.01
0.001
1.0
0.5
0.1
0.05
0.01
0.005
0.001
10
8.0
6.0
4.0
2.0
0
10 k
VOM
Measurement Channel
+
100
100
VO
2.0 k
+
∆Vin
VO
2.0 k
+
RA
Vin
2.0 k
VO
+
10 k


Numéro de pièce similaire - MC33078

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
logo
ON Semiconductor
MC33078 ONSEMI-MC33078 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
STMicroelectronics
MC33078 STMICROELECTRONICS-MC33078 Datasheet
183Kb / 14P
   Low Noise Dual Operational Amplifier
MC33078 STMICROELECTRONICS-MC33078 Datasheet
192Kb / 15P
   Low noise dual operational amplifier
More results

Description similaire - MC33078

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC33078 ONSEMI-MC33078_06 Datasheet
277Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
October, 2006 ??Rev. 7
MC33078 ONSEMI-MC33078_11 Datasheet
421Kb / 14P
   Low Noise Dual/Quad Operational Amplifiers
November, 2011 ??Rev. 9
logo
Linear Technology
OP-270 LINER-OP-270 Datasheet
266Kb / 4P
   Dual/Quad Low Noise, Precision Operational Amplifiers???
logo
STMicroelectronics
MC33079 STMICROELECTRONICS-MC33079_05 Datasheet
239Kb / 12P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33079 STMICROELECTRONICS-MC33079 Datasheet
95Kb / 9P
   LOW NOISE QUAD OPERATIONAL AMPLIFIERS
November 1997
logo
Intersil Corporation
HA-5102 INTERSIL-HA-5102_04 Datasheet
523Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
Renesas Technology Corp
HA-5102 RENESAS-HA-5102 Datasheet
887Kb / 13P
   Dual and Quad, 8MHz, Low Noise Operational Amplifiers
logo
STMicroelectronics
TS524 STMICROELECTRONICS-TS524 Datasheet
128Kb / 5P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
TS524 STMICROELECTRONICS-TS524_01 Datasheet
309Kb / 8P
   PRECISION LOW NOISE QUAD OPERATIONAL AMPLIFIERS
MC33078 STMICROELECTRONICS-MC33078 Datasheet
99Kb / 9P
   LOW NOISE DUAL OPERATIONAL AMPLIFIERS
November 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com