Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1776 Fiches technique(PDF) 9 Page - ON Semiconductor

No de pièce MC1776
Description  PROGRAMMABLE OPERATIONAL AMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1776 Fiches technique(HTML) 9 Page - ON Semiconductor

Back Button MC1776 Datasheet HTML 4Page - ON Semiconductor MC1776 Datasheet HTML 5Page - ON Semiconductor MC1776 Datasheet HTML 6Page - ON Semiconductor MC1776 Datasheet HTML 7Page - ON Semiconductor MC1776 Datasheet HTML 8Page - ON Semiconductor MC1776 Datasheet HTML 9Page - ON Semiconductor MC1776 Datasheet HTML 10Page - ON Semiconductor MC1776 Datasheet HTML 11Page - ON Semiconductor MC1776 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MC1776C
9
MOTOROLA ANALOG IC DEVICE DATA
Figure 13. Wien Bridge Oscillator
Figure 14. Multiple Feedback Bandpass Filter
Figure 15. Multiple Feedback Bandpass Filter
(1.0 kHz)
Figure 16. Gated Amplifier
Figure 17. High Input Impedance Amplifier
MC1776C
22 k
200 k
2
3
C
R
VO
10 k
Rset
7
6
8
4
–15 V
R
C
+
+15 V
fo =
1
2
π RC
(for fo = 1.0 kHz)
R= 16 k
C = 0.01
µF
Choose a value for C, then
R5 =
R1 =
R2 =
MC1776C
C
C
2
3
+
7
6
VO
Rset
4
R5
R2
VEE
R1
Vin
VCC
Q
R5
2A (fo)
R1,R5
QO fo
GBW
≤ 0.1
8
MC1776C
+15 V
Input
Output
–15 V
2.0 M
8
4
C
R2
R1
R5
2
3
6
7
+
for a 1.0 kHz filter
with Q = 10
and A (fo) = 1
R1 = 160 k
R2 = 820
R5 = 300 k
C = 0.01
µF
MC1776C
Input
Output
+
2
3
–15 V
8
4
6
VCC
15 V
2.7 M
270 k
7
10 k
1 M
Q
Gate
+15 V
10 k
10 k
5.6 k
MC1776C
50 M
10 k
90 k
Output
Input
500 k
500 k
50 M
+
2
3
6
7
4
8
+15 V
30 M
–15 V
C
For a given:
fo = center frequency
A (fo) = Gain at center frequency
Q = quality factor
To obtain less than 10% error from the operational amplifier:
where fo and GBW are expressed in Hz. GBW is available from
Figure 6 as a function of Set Current, Iset.
πfoC
4Q2 R1–R5


Numéro de pièce similaire - MC1776

FabricantNo de pièceFiches techniqueDescription
logo
GUANGDONG MISUN TECHNOL...
MC1770 FPE-MC1770 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-100M1 FPE-MC1770-100M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-101M1 FPE-MC1770-101M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-150M1 FPE-MC1770-150M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
MC1770-220M1 FPE-MC1770-220M1 Datasheet
252Kb / 3P
   COMPOSITE FORMING SMDINDUCTORS
More results

Description similaire - MC1776

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4250 NSC-LM4250_14 Datasheet
538Kb / 14P
   Programmable Operational Amplifier
logo
NEC
UPC4250 NEC-UPC4250 Datasheet
387Kb / 10P
   PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LM4250 NSC-LM4250 Datasheet
496Kb / 12P
   Programmable Operational Amplifier
logo
JSC ALFA.
14YD1201 ALFA-14YD1201 Datasheet
223Kb / 5P
   Micropower Programmable Operational Amplifier
logo
Texas Instruments
LM4250 TI1-LM4250 Datasheet
538Kb / 14P
[Old version datasheet]   LM4250 Programmable Operational Amplifier
logo
Analog Devices
OP-22 AD-OP-22_15 Datasheet
586Kb / 12P
   PROGRAMMABLE MICROPOWER OPERATIONAL AMPLIFIER
logo
KODENSHI_AUK CORP.
KK1776 KODENSHI-KK1776 Datasheet
107Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
IL1776 ETC-IL1776 Datasheet
18Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
System Logic Semiconduc...
SL1776 SLS-SL1776 Datasheet
19Kb / 2P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
logo
IK Semicon Co., Ltd
IL1776 IKSEMICON-IL1776_11 Datasheet
92Kb / 3P
   MICROPOWER PROGRAMMABLE OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com