Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1723 Fiches technique(PDF) 1 Page - ON Semiconductor

No de pièce MC1723
Description  VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1723 Fiches technique(HTML) 1 Page - ON Semiconductor

  MC1723 Datasheet HTML 1Page - ON Semiconductor MC1723 Datasheet HTML 2Page - ON Semiconductor MC1723 Datasheet HTML 3Page - ON Semiconductor MC1723 Datasheet HTML 4Page - ON Semiconductor MC1723 Datasheet HTML 5Page - ON Semiconductor MC1723 Datasheet HTML 6Page - ON Semiconductor MC1723 Datasheet HTML 7Page - ON Semiconductor MC1723 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MC1723C
SEMICONDUCTOR
TECHNICAL DATA
VOLTAGE REGULATOR
ORDERING INFORMATION
Order this document by MC1723C/D
P SUFFIX
PLASTIC PACKAGE
CASE 646
D SUFFIX
PLASTIC PACKAGE
CASE 751A
(SO–14)
Device
Operating
Temperature
Range
Package
MC1723CD
MC1723CP
TA = 0° to +70°C
SO–14
Plastic DIP
Alternate
LM723CN
µA723PC
1
MOTOROLA ANALOG IC DEVICE DATA
Voltage Regulator
The MC1723C is a positive or negative voltage regulator designed to
deliver load current to 150 mAdc. Output current capability can be increased
to several amperes through use of one or more external pass transistors.
MC1723C is specified for operation over the commercial temperature range
(0
° to +70°C).
Output Voltage Adjustable from 2.0 Vdc to 37 Vdc
Output Current to 150 mAdc Without External Pass Transistors
0.01% Line and 0.03% Load Regulation
Adjustable Short Circuit Protection
Figure 1. Representative Schematic Diagram
Figure 2. Typical Circuit Connection
Figure 3. Typical NPN Current Boost Connection
Noninverting
Input
Inverting
Input
VEE
4
7
5
Current
Sense
Current
Limit
Compensation
VO
6.2V
Vz
9
1.0k
25k
500
5.0pF
150
20k
300
30k
100
15k
6Vref
10
13
2
3
VCC
VC
11
12
15k
1.0k
6.2V
6.2V
5.0k
Vin
12
11
6
5
Cref
R3
(7 < VO < 37)
MC1723C
10
2
3
4
C1
100pF
13
7
RSC
R1
R2
For best results 10 k < R2 < 100 k
For minimum drift R3 = R1 | | R2
VO ^ 7ISC =
R1 + R2
R2
Vsense
0.66
RSC
VO
=
at TJ = + 25°C
Vin = 20Vdc
RSC = 0.33
VO = +15Vdc
IL = 2Adc max
12k
10k
4
C1
13
3
2
10
12
11
6
5
7
MC1723C
0.1
µF
2N3055 or Equiv
100pF
RSC
© Motorola, Inc. 1996
Rev 5


Numéro de pièce similaire - MC1723

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC1723 MOTOROLA-MC1723 Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
MC1723C MOTOROLA-MC1723C Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
MC1723CD MOTOROLA-MC1723CD Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
MC1723CG MOTOROLA-MC1723CG Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
MC1723CL MOTOROLA-MC1723CL Datasheet
882Kb / 12P
   VOLTAGE REGULATOR
More results

Description similaire - MC1723

FabricantNo de pièceFiches techniqueDescription
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R1MX55 ETL-R1MX55 Datasheet
311Kb / 10P
   VOLTAGE REGULATOR
logo
Texas Instruments
LM723JAN TI1-LM723JAN_13 Datasheet
821Kb / 21P
[Old version datasheet]   Voltage Regulator
LM723 TI1-LM723_16 Datasheet
850Kb / 21P
[Old version datasheet]   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10_V01 Datasheet
352Kb / 10P
   VOLTAGE REGULATOR
logo
RICOH electronics devic...
RX5RL20A RICOH-RX5RL20A Datasheet
144Kb / 18P
   VOLTAGE REGULATOR
logo
Infineon Technologies A...
IFX1117 INFINEON-IFX1117_09 Datasheet
290Kb / 15P
   Voltage Regulator
Rev. 1.21, 2009-09-04
logo
Holtek Semiconductor In...
HT10XX HOLTEK-HT10XX Datasheet
607Kb / 14P
   Voltage Regulator
logo
Unisonic Technologies
R070LD10 UTC-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
logo
Solid States Devices, I...
SVR003 SSDI-SVR003 Datasheet
103Kb / 3P
   VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
R070LD10 ETL-R070LD10 Datasheet
387Kb / 10P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com