Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1496D Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC1496D
Description  BALANCED MODULATORS/DEMODULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1496D Fiches technique(HTML) 5 Page - ON Semiconductor

  MC1496D Datasheet HTML 1Page - ON Semiconductor MC1496D Datasheet HTML 2Page - ON Semiconductor MC1496D Datasheet HTML 3Page - ON Semiconductor MC1496D Datasheet HTML 4Page - ON Semiconductor MC1496D Datasheet HTML 5Page - ON Semiconductor MC1496D Datasheet HTML 6Page - ON Semiconductor MC1496D Datasheet HTML 7Page - ON Semiconductor MC1496D Datasheet HTML 8Page - ON Semiconductor MC1496D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MC1496, MC1496B
http://onsemi.com
5
Bias currents flowing into Pins 1, 4, 8 and 10 are transistor
base currents and can normally be neglected if external bias
dividers are designed to carry 1.0 mA or more.
Transadmittance Bandwidth
Carrier transadmittance bandwidth is the 3.0 dB bandwidth
of the device forward transadmittance as defined by:
g21C+
io (each sideband)
vs (signal)
V
o + 0
Signal transadmittance bandwidth is the 3.0 dB bandwidth
of the device forward transadmittance as defined by:
g21S+
io (signal)
vs (signal)
Vc + 0.5 Vdc, Vo + 0
Coupling and Bypass Capacitors
Capacitors C1 and C2 (Figure 5) should be selected for a
reactance of less than 5.0
W at the carrier frequency.
Output Signal
The output signal is taken from Pins 6 and 12 either
balanced or single−ended. Figure 11 shows the output levels
of each of the two output sidebands resulting from variations
in both the carrier and modulating signal inputs with a
single−ended output connection.
Negative Supply
VEE should be dc only. The insertion of an RF choke in
series with VEE can enhance the stability of the internal
current sources.
Signal Port Stability
Under certain values of driving source impedance,
oscillation may occur. In this event, an RC suppression
network should be connected directly to each input using
short leads. This will reduce the Q of the source−tuned
circuits that cause the oscillation.
Signal Input
(Pins 1 and 4)
510
10 pF
An alternate method for low−frequency applications is to
insert a 1.0 k
W resistor in series with the input (Pins 1, 4). In
this case input current drift may cause serious degradation
of carrier suppression.
NOTE:
Shielding of input and output leads may be needed
to properly perform these tests.
Figure 5. Carrier Rejection and Suppression
Figure 6. Input−Output Impedance
Figure 7. Bias and Offset Currents
Figure 8. Transconductance Bandwidth
0.01
mF
2.0 k
−8.0 Vdc
I6
I9
1.0 k
I7
I8
6.8 k
Zout
+Vo
+
+Vo
I9
3
RL
3.9 k
VCC
12 Vdc
8
C1
0.1
mF
MC1496
1.0 k
2
Re
1.0 k
C2
0.1
mF
51
10 k
Modulating
Signal Input
Carrier
Input
VC
Carrier Null
51
51
10 k
50 k
R1
VS
−Vo
RL
3.9 k
I6
I4
6
14
5
12
2
Re = 1.0 k
3
Zin
0.5 V
8
10
I1
4
1
−Vo
10
1
6
4
14
5
12
6.8 k
V
I10
I5
−8.0 Vdc
VEE
1.0 k
MC1496
MC1496
MC1496
6
14
5
12
I10
6.8 k
−8.0 Vdc
VEE
VCC
12 Vdc
2
Re = 1.0 k
3
1.0 k
Modulating
Signal Input
Carrier
Input
VC
VS
0.1
mF
0.1
mF
1.0 k
51
1.0 k
14
5
6
12
1.0 k
23
Re
VCC
12 Vdc
2.0 k
+Vo
−Vo
6.8 k
10 k
Carrier Null
51
10 k
50 k
V
−8.0 Vdc
VEE
50 50
8
10
4
1
8
10
4
1
51
TEST CIRCUITS


Numéro de pièce similaire - MC1496D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1496D ONSEMI-MC1496D Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496DG ONSEMI-MC1496DG Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496DR2 ONSEMI-MC1496DR2 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
MC1496DR2G ONSEMI-MC1496DR2G Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
More results

Description similaire - MC1496D

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC1496 ONSEMI-MC1496_06 Datasheet
329Kb / 14P
   Balanced Modulators/Demodulators
October, 2006 ??Rev. 10
logo
Anaren Microwave
70668 ANAREN-70668 Datasheet
197Kb / 1P
   Modulators Balanced
70666 ANAREN-70666 Datasheet
192Kb / 1P
   Modulators Balanced
logo
List of Unclassifed Man...
SL1641C ETC1-SL1641C Datasheet
202Kb / 2P
   DOUBLE BALANCED MODULATORS
logo
Marki Microwave
M1B-0618 MARKIMICROWAVE-M1B-0618 Datasheet
215Kb / 2P
   DOUBLE-BALANCED MIXERS BI-PHASE MODULATORS
logo
Merrimac Industries, In...
BPM-2A-250 MERRIMAC-BPM-2A-250 Datasheet
186Kb / 1P
   BIPHASE MODULATORS
JPF-21F-1200B MERRIMAC-JPF-21F-1200B Datasheet
154Kb / 2P
   QUADRAPHASE MODULATORS
JTM-2A-10B MERRIMAC-JTM-2A-10B Datasheet
118Kb / 1P
   QUADRAPHASE MODULATORS
JPP-21R-10B MERRIMAC-JPP-21R-10B Datasheet
124Kb / 2P
   QUADRAPHASE MODULATORS
logo
SYNERGY MICROWAVE CORPO...
SBM-C4 SYNERGY-SBM-C4 Datasheet
267Kb / 3P
   BPSK MODULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com