Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3016-KSR Fiches technique(PDF) 7 Page - Texas Instruments

No de pièce SI3016-KSR
Description  EMBEDDED V.90 MODEM DSP
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SI3016-KSR Fiches technique(HTML) 7 Page - Texas Instruments

Back Button SI3016-KSR Datasheet HTML 3Page - Texas Instruments SI3016-KSR Datasheet HTML 4Page - Texas Instruments SI3016-KSR Datasheet HTML 5Page - Texas Instruments SI3016-KSR Datasheet HTML 6Page - Texas Instruments SI3016-KSR Datasheet HTML 7Page - Texas Instruments SI3016-KSR Datasheet HTML 8Page - Texas Instruments SI3016-KSR Datasheet HTML 9Page - Texas Instruments SI3016-KSR Datasheet HTML 10Page - Texas Instruments SI3016-KSR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 87 page
background image
TMS320C54V90
EMBEDDED V.90 MODEM DSP
SPRS165F − JULY 2001 − REVISED OCTOBER 2003
7
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
TMS320C54V90 Terminal Functions (Continued)
TERMINAL
NAME
DESCRIPTION
I/O
INITIALIZATION, INTERRUPT, AND RESET PINS (CONTINUED)
RS
I
Reset input. RS causes the DSP to terminate execution and causes a re-initialization of the CPU and
peripherals. When RS is brought to a high level, execution begins at location 0FF80h of program memory.
RS affects various registers and status bits.
MP/MC
I
Microprocessor/microcomputer mode select pin. If active low at reset, microcomputer mode is selected,
and the internal program ROM is mapped into the upper 16K words of program memory space. If the pin is
driven high during reset, microprocessor mode is selected, and the on-chip ROM is removed from program
space. This pin is only sampled at reset, and the MP/MC bit of the PMST register can override the mode
that is selected at reset.
MULTIPROCESSING AND GENERAL-PURPOSE PINS
BIO
I
Branch control input. A branch can be conditionally executed when BIO is active. If low, the processor
executes the conditional instruction. The BIO condition is sampled during the decode phase of the pipeline
for XC instruction, and all other instructions sample BIO during the read phase of the pipeline.
XF
O/Z
External flag output (latched software-programmable signal). XF is set high by the SSBX XF instruction, set
low by RSBX XF instruction or by loading ST1. XF is used for signaling other processors in multiprocessor
configurations or as a general-purpose output pin. XF goes into the high-impedance state when OFF is low,
and is set high at reset.
MEMORY CONTROL PINS
DS
PS
IS
O/Z
Data, program, and I/O space select signals. DS, PS, and IS are always high unless driven low for
accessing a particular external memory space. Active period corresponds to valid address information.
Placed into a high-impedance state in hold mode. DS, PS, and IS also go into the high-impedance state
when OFF is low.
MSTRB
O/Z
Memory strobe signal. MSTRB is always high unless low-level asserted to indicate an external bus access
to data or program memory. Placed in high-impedance state in hold mode. MSTRB also goes into the
high-impedance state when OFF is low.
READY
I
Data ready input. READY indicates that an external device is prepared for a bus transaction to be
completed. If the device is not ready (READY is low), the processor waits one cycle and checks READY
again. Note that the processor performs ready detection if at least two software wait states are
programmed. The READY signal is not sampled until the completion of the software wait states.
R/W
O/Z
Read/write signal. R/W indicates transfer direction during communication to an external device. Normally in
read mode (high), unless asserted low when the DSP performs a write operation. Placed in high-impedance
state in hold mode. R/W also goes into the high-impedance state when OFF is low.
IOSTRB
O/Z
I/O strobe signal. IOSTRB is always high unless low level asserted to indicate an external bus access to an
I/O device. Placed in high-impedance state in hold mode. IOSTRB also goes into the high-impedance state
when OFF is low.
HOLD
I
Hold input. HOLD is asserted to request control of the address, data, and control lines. When
acknowledged by the C54x, these lines go into high-impedance state.
HOLDA
O/Z
Hold acknowledge signal. HOLDA indicates that the DSP is in a hold state and that the address, data, and
control lines are in a high-impedance state, allowing the external memory interface to be accessed by other
devices. HOLDA also goes into the high-impedance state when is OFF low.
MSC
O/Z
Microstate complete. MSC indicates completion of all software wait states. When two or more software wait
states are enabled, the MSC pin goes active at the beginning of the first software wait state, and goes
inactive (high) at the beginning of the last software wait state. If connected to the ready input, MSC forces
one external wait state after the last internal wait state is completed. MSC also goes into the high
impedance state when OFF is low.
IAQ
O/Z
Instruction acquisition signal. IAQ is asserted (active low) when there is an instruction address on the
address bus and goes into the high-impedance state when OFF is low.
I = Input, O = Output, Z = High-impedance, S = Supply


Numéro de pièce similaire - SI3016-KSR

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3016-KS SILABS-SI3016-KS Datasheet
972Kb / 50P
   3.3 V ENHANCED GLOBAL DIRECT ACCESS ARRANGEMENT
More results

Description similaire - SI3016-KSR

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
ES2898 ETC-ES2898 Datasheet
66Kb / 6P
   V.90 PCI DSP Modem Solution
logo
Bel Fuse Inc.
2811B BEL-2811B Datasheet
30Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2791C BEL-2791C Datasheet
34Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformer
2802A BEL-2802A Datasheet
38Kb / 2P
   MODEM MAGNETICS V.90 Modem Transformers
logo
Filtran LTD
7197 FILTRAN-7197 Datasheet
183Kb / 1P
   V.90 Modem transformer
6647 FILTRAN-6647 Datasheet
87Kb / 1P
   V.90 Modem Transformer
7352 FILTRAN-7352 Datasheet
183Kb / 1P
   V.90 Modem Transformer
6648 FILTRAN-6648 Datasheet
109Kb / 1P
   V.90 Modem Transformer
7250 FILTRAN-7250 Datasheet
118Kb / 1P
   V.90 Modem Transformer
logo
Allied Components Inter...
AEL127-4435 ALLIED-AEL127-4435 Datasheet
612Kb / 1P
   EL12.7 V.90 Modem Transformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com