Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS643DT9BWLI Fiches technique(PDF) 10 Page - Advanced Micro Devices

No de pièce AM29BDS643DT9BWLI
Description  64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS643DT9BWLI Fiches technique(HTML) 10 Page - Advanced Micro Devices

Back Button AM29BDS643DT9BWLI Datasheet HTML 6Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 7Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 8Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 9Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 10Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 11Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 12Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 13Page - Advanced Micro Devices AM29BDS643DT9BWLI Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
10
Am29BDS643D
PRELI M INARY
after the rising edge of each successive clock cycle,
which automatically increments the internal address
counter. Note that the device has a fixed internal
address boundary that occurs every 64 words,
starting at address 00003Eh. The transition from
the highest address 3FFFFFh to 000000h is also a
boundary crossing. During the time the device is out-
putting the 64th word (address 00003Eh, 00007Eh,
0000BEh, etc.), a two cycle latency occurs before data
appears for the next address (address 00003Fh,
00007Fh, 0000BFh, etc.). The RDY output indicates
this condition to the system by pulsing low. See Figures
18 and 19.
The device will continue to output sequential burst
data, wrapping around to address 000000h after it
reaches the highest addressable memory location,
until the system asserts CE# high, RESET# low, or
AVD# low in conjunction with a new address. See Table
1. The reset command does
not terminate the burst
read operation.
If the host system crosses the bank boundary while
reading in burst mode, and the device is not program-
ming or erasing, a two-cycle latency will occur as
described above. If the host system crosses the bank
boundary while the device is programming or erasing,
the device will provide asynchronous read status infor-
mation. The clock will be ignored. After the host has
completed status reads, or the device has completed
the program or erase operation, the host can restart a
burst operation using a new address and AVD# pulse.
If the clock frequency is less than 6 MHz during a burst
mode operation, additional latencies will occur. RDY
indicates the length of the latency by pulsing low.
Programmable Wait State
The programmable wait state feature indicates to the
device the number of additional clock cycles that must
elapse after AVD# is driven active before data will be
available. Upon power up, the device defaults to the
maximum of seven total cycles. The total number of
wait states is programmable from four to seven cycles.
See Figure 20.
Handshaking
The handshaking feature allows the host system to
simply monitor the RDY signal from the device to deter-
mine when the initial word of burst data is ready to be
read. The host system should use the wait state
command sequence to set the number of wait states for
optimal burst mode operation (00h for 40 MHz clock
and 01h for 54 MHz clock. The initial word of burst data
is indicated by the rising edge of RDY after OE# goes
low.
The presence of the handshaking feature may be veri-
fied by writing the autoselect command sequence to
the device. See “Autoselect Command Sequence” for
details.
Power Saving Function
The Power Save function reduces the amount of
switching on the data output bus by changing the
minimum number of bits possible, thereby reducing
power consumption. This function is active only during
burst mode operations.
The device compares the word previously output to the
system with the new word to be output. If the number of
bits to be switched is 0–8 (less than half the bus width),
the device simply outputs the new word on the data
bus. If, however, the number of bits that must be
switched is 9 or higher, the data is
inverted before being
output on the data bus. This effectively limits the
maximum number of bits that are switched for any
given read cycle to eight. The device indicates to the
system whether or not the data is inverted via the PS
(power saving) output. If the word on the data bus is
not
inverted, PS = VIL; if the word on the data bus is
inverted, PS = VIH.
During initial power up the PS function is disabled. To
enable the PS function, the system must write the
Enable PS command sequence to the flash device (see
the Command Definitions table).
When the PS function is enabled, one additional clock
cycle is inserted during the initial and second access of
a burst sequence. See Figure 19. The RDY output indi-
cates this condition to the system.
The device is also capable of receiving inverted data
during program operations. The host system must indi-
cate to the device via the PS input whether or not the
program data is inverted. PS must be driven to VIH for
inverted data, or to VIL for non-inverted data.
To disable the PS function, the system must hardware
reset the device (drive the RESET# input low).
Simultaneous Read/Write Operations with
Zero Latency
This device is capable of reading data from one bank
of memory while programming or erasing in the other
bank of memory. An erase operation may also be sus-
pended to read from or program to another location
within the same bank (except the sector being
erased). Figure 21 shows how read and write cycles
may be initiated for simultaneous operation with zero
latency. Refer to the DC Characteristics table for
read-while-program and read-while-erase current
specifications.
Writing Commands/Command Sequences
The device has inputs/outputs that accept both ad-
dress and data information. To write a command or
command sequence (which includes programming
data to the device and erasing sectors of memory), the
system must drive CLK, AVD# and CE# to VIL, and
OE# to VIH when providing an address to the device,


Numéro de pièce similaire - AM29BDS643DT9BWLI

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643GT5GVAI SPANSION-AM29BDS643GT5GVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643GT5GVAI AMD-AM29BDS643GT5GVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643GT5KVAI SPANSION-AM29BDS643GT5KVAI Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results

Description similaire - AM29BDS643DT9BWLI

FabricantNo de pièceFiches techniqueDescription
logo
SPANSION
AM29BDS640G SPANSION-AM29BDS640G Datasheet
899Kb / 65P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS643G AMD-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS643G SPANSION-AM29BDS643G Datasheet
714Kb / 49P
   64 Megabit (4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WS128J SPANSION-S29WS128J Datasheet
1Mb / 98P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29WS-J SPANSION-S29WS-J Datasheet
2Mb / 97P
   128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29WSXXXN SPANSION-S29WSXXXN Datasheet
1Mb / 95P
   256/128/64 Megabit (16/8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com