Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFBL3703 Fiches technique(PDF) 5 Page - International Rectifier

No de pièce IRFBL3703
Description  Synchronous Rectification in High Power High Frequency DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFBL3703 Fiches technique(HTML) 5 Page - International Rectifier

  IRFBL3703 Datasheet HTML 1Page - International Rectifier IRFBL3703 Datasheet HTML 2Page - International Rectifier IRFBL3703 Datasheet HTML 3Page - International Rectifier IRFBL3703 Datasheet HTML 4Page - International Rectifier IRFBL3703 Datasheet HTML 5Page - International Rectifier IRFBL3703 Datasheet HTML 6Page - International Rectifier IRFBL3703 Datasheet HTML 7Page - International Rectifier IRFBL3703 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IRFBL3703
www.irf.com
5
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width
≤ 1 µs
Duty Factor
≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-VDD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
Case Temperature
25
50
75
100
125
150
175
0
50
100
150
200
250
300
T , Case Temperature
( C)
°
C
LIMITED BY PACKAGE
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Numéro de pièce similaire - IRFBL3703

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBL10N60A IRF-IRFBL10N60A Datasheet
117Kb / 8P
   HEXFET Power MOSFET
IRFBL12N50A IRF-IRFBL12N50A Datasheet
123Kb / 8P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRFBL3703

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7456TRPBF IRF-IRF7456TRPBF Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7470PBF IRF-IRF7470PBF_15 Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
IRF7456PBF IRF-IRF7456PBF_15 Datasheet
211Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Guangdong Youtai Semico...
IRF7470TR UMW-IRF7470TR Datasheet
376Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
International Rectifier
IRF7455PBF IRF-IRF7455PBF_15 Datasheet
1Mb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS WITH SYNCHRONOUS RECTIFICATION
IRF7470TRPBF IRF-IRF7470TRPBF Datasheet
133Kb / 8P
   High Frequency DC-DC Converters with Synchronous Rectification
logo
Kersemi Electronic Co.,...
IRFR3704 KERSEMI-IRFR3704 Datasheet
816Kb / 9P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification
logo
International Rectifier
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com