Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74CBTD3384CDWR Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74CBTD3384CDWR
Description  10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTD3384CDWR Fiches technique(HTML) 2 Page - Texas Instruments

  SN74CBTD3384CDWR Datasheet HTML 1Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 2Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 3Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 4Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 5Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 6Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 7Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 8Page - Texas Instruments SN74CBTD3384CDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN74CBTD3384C
10BIT FET BUS SWITCH WITH LEVEL SHIFTING
5V BUS SWITCH WITH 2V UNDERSHOOT PROTECTION
SCDS133A −SEPTEMBER 2003 − REVISED OCTOBER 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description/ordering information (continued)
The SN74CBTD3384C is a high-speed TTL-compatible FET bus switch with low ON-state resistance (ron),
allowing for minimal propagation delay. This device features an integrated diode in series with VCC to provide
level shifting for 5-V input down to 3.3-V output levels. Active Undershoot-Protection Circuitry on the A and B
ports of the SN74CBTD3384C provides protection for undershoot up to −2 V by sensing an undershoot event
and ensuring that the switch remains in the proper OFF state.
The SN74CBTD3384C is organized as two 5-bit bus switches with separate output-enable (1OE, 2OE) inputs.
It can be used as two 5-bit bus switches or as one 10-bit bus switch. When OE is low, the associated 5-bit bus
switch is ON, and the A port is connected to the B port, allowing bidirectional data flow between ports. When
OE is high, the associated 5-bit bus switch is OFF, and a high-impedance state exists between the A and B ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
FUNCTION TABLE
(each 5-bit bus switch)
INPUT
INPUT/OUTPUT
FUNCTION
INPUT
OE
INPUT/OUTPUT
A
FUNCTION
L
B
A port = B port
H
Z
Disconnect
logic diagram (positive logic)
1A1
SW
1B1
1A5
1OE
SW
1B5
2A1
SW
2B1
2A5
2OE
SW
2B5
3
11
1
14
22
13
2
10
15
23


Numéro de pièce similaire - SN74CBTD3384CDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTD3384CDWR TI-SN74CBTD3384CDWR Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDWRE4 TI-SN74CBTD3384CDWRE4 Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3384CDWRG4 TI-SN74CBTD3384CDWRG4 Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results

Description similaire - SN74CBTD3384CDWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74CBTD3384C TI-SN74CBTD3384C_08 Datasheet
534Kb / 18P
[Old version datasheet]   10-BIT FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI1-SN74CBTD3306C_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI-SN74CBTD3305C Datasheet
238Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH - 2-V UNDERSHOOT PROTECTION
SN74CBTD3306C TI-SN74CBTD3306C Datasheet
249Kb / 12P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBTD3305C TI1-SN74CBTD3305C_15 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL FET BUS SWITCH WITH LEVEL SHIFTING 5-V BUS SWITCH WITH ??-V UNDERSHOOT PROTECTION
SN74CBT16244C TI-SN74CBT16244C Datasheet
188Kb / 11P
[Old version datasheet]   16-BIT FET BUS SWITCH 5-V BUS SWITCH WITH-2-V UNDERSHOOT PROTECTION
SN74CBT3244C TI-SN74CBT3244C Datasheet
423Kb / 16P
[Old version datasheet]   B-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT16210C TI-SN74CBT16210C Datasheet
195Kb / 11P
[Old version datasheet]   20-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
SN74CBT16211C TI-SN74CBT16211C Datasheet
246Kb / 14P
[Old version datasheet]   24-BIT FET BUS SWITCH 5-V BUS SWITCH WITH 2-V UNDERSHOOT PROTECTION
SN74CBT3245C TI-SN74CBT3245C Datasheet
413Kb / 15P
[Old version datasheet]   8-BIT FET BUS SWITCH 5-V BUS SWITCH WITH -2-V UNDERSHOOT PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com