Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB42426 Fiches technique(PDF) 8 Page - Cirrus Logic

No de pièce CDB42426
Description  114 dB, 192kHz 6-Ch CODEC WITH PLL
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB42426 Fiches technique(HTML) 8 Page - Cirrus Logic

Back Button CDB42426 Datasheet HTML 4Page - Cirrus Logic CDB42426 Datasheet HTML 5Page - Cirrus Logic CDB42426 Datasheet HTML 6Page - Cirrus Logic CDB42426 Datasheet HTML 7Page - Cirrus Logic CDB42426 Datasheet HTML 8Page - Cirrus Logic CDB42426 Datasheet HTML 9Page - Cirrus Logic CDB42426 Datasheet HTML 10Page - Cirrus Logic CDB42426 Datasheet HTML 11Page - Cirrus Logic CDB42426 Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 67 page
background image
CS42426
8
2 TYPICAL CONNECTION DIAGRAMS
AOUTA1+
100 µF
0.1 µF
+
+
17
18
VQ
FILT+
36
37
0.1 µF
4.7 µF
53
Analog Conditioning
and Muting
AOUTA1-
AOUTB1+
35
34
Analog Conditioning
and Muting
AOUTB1-
AOUTA2+
32
33
Analog Conditioning
and Muting
AOUTA2-
AOUTB2+
31
30
Analog Conditioning
and Muting
AOUTB2-
AOUTA3+
28
29
Analog Conditioning
and Muting
AOUTA3-
AOUTB3+
27
26
Analog Conditioning
and Muting
AOUTB3-
MUTEC
38
Mute
Drive
25
DGND DGND
5
VLC
0.1 µF
+1.8V
to +5V
6
3
60
1
64
61
2
63
8
7
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
12
9
Note: Resistors are required for
I2C control port operation
See
Note
ADC_LRCK
REFGND
19
AD0/CS
10
INT
11
Digital Audio
Processor
Micro-
Controller
56
ADC_SDOUT
48
46
44
45
47
43
AGND
AGND
52
40
CFILT**
RFILT**
LPFLT
39
CRIP**
2700 pF*
2700 pF*
AINL+
AINL-
AINR+
AINR-
Left Analog Input
Right Analog Input
15
16
14
13
42
* See CDB42428 for a recommended filter.
** Refer to Table 1
for proper values
Connect DGND and AGND at single point near Codec
GPO1
GPO2
GPO3
GPO4
GPO5
GPO6
GPO7
DAC_SDIN1
ADC_SCLK
DAC_SDIN3
DAC_SDIN2
DAC_LRCK
DAC_SCLK
Analog
Input
Buffer *
Analog
Input
Buffer *
+VA
***
*** Pull up or down as required on startup
***
VD
24
0.1 µF +
10 µF
VA
+
10 µF
51
41
4
VA
VD
0.1 µF
0.01 µF
0.1 µF +
10 µF
+5 V
0.01 µF
0.01 µF
+3.3 V to +5 V
+
10 µF
0.1 µF
0.01 µF
55
RMCK
58
ADCIN1
57
ADCIN2
CS5361
A/D Converter
CS5361
A/D Converter
VLS
0.1 µF
+2.5 V
to +5 V
59
OMCK
OSC
Figure 1. Typical Connection Diagram
CS42426


Numéro de pièce similaire - CDB42426

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
   110 dB, 192 kHz 8-Ch Codec with PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CDB42428 CIRRUS-CDB42428 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
More results

Description similaire - CDB42426

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42428 CIRRUS-CS42428 Datasheet
1Mb / 67P
   114 dB, 192kHz 8-Ch CODEC WITH PLL
CS42416 CIRRUS-CS42416 Datasheet
1Mb / 67P
   110 dB, 192kHz 6-Ch CODEC WITH PLL
CS42426 CIRRUS-CS42426_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 6-Ch Codec with PLL
CS42418 CIRRUS-CS42418 Datasheet
1Mb / 67P
   110 dB, 192kHz 8-Ch CODEC WITH PLL
CS42428 CIRRUS-CS42428_05 Datasheet
1Mb / 73P
   114 dB, 192 kHz 8-Ch Codec with PLL
CS42526 CIRRUS-CS42526_05 Datasheet
1Mb / 93P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42526 CIRRUS-CS42526 Datasheet
1Mb / 90P
   114 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42416 CIRRUS-CS42416_05 Datasheet
1Mb / 73P
   110 dB, 192 kHz 6-Ch Codec with PLL
CS42528 CIRRUS-CS42528_05 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
CS42528 CIRRUS-CS42528 Datasheet
1Mb / 91P
   114 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com