Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14521BCP Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC14521BCP
Description  24-Stage Frequency Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14521BCP Fiches technique(HTML) 5 Page - ON Semiconductor

  MC14521BCP Datasheet HTML 1Page - ON Semiconductor MC14521BCP Datasheet HTML 2Page - ON Semiconductor MC14521BCP Datasheet HTML 3Page - ON Semiconductor MC14521BCP Datasheet HTML 4Page - ON Semiconductor MC14521BCP Datasheet HTML 5Page - ON Semiconductor MC14521BCP Datasheet HTML 6Page - ON Semiconductor MC14521BCP Datasheet HTML 7Page - ON Semiconductor MC14521BCP Datasheet HTML 8Page - ON Semiconductor MC14521BCP Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MC14521B
http://onsemi.com
5
Figure 2. Switching Time Test Circuit and Waveforms
PULSE
GENERATOR
Q18
Q19
Q20
Q21
Q22
Q23
Q24
IN 2
R
VDD
VDD
VSS
VSS
CL
CL
CL
CL
CL
CL
CL
VDD
20 ns
20 ns
20 ns
10%
50%
90%
10%
50%
90%
IN 2
Qn
tPLH
tPHL
tTLH
tTHL
tWL
tWH
Characteristic
500 kHz
Circuit
50 kHz
Circuit
Unit
Crystal Characteristics
Resonant Frequency
Equivalent Resistance, RS
500
1.0
50
6.2
kHz
kW
External Resistor/Capacitor Values
Ro
CT
CS
47
82
20
750
82
20
kW
pF
pF
Frequency Stability
Frequency Change as a Function
of VDD (TA = 25_C)
VDD Change from 5.0 V to 10 V
VDD Change from 10 V to 15 V
Frequency Change as a Function
of Temperature (VDD = 10 V)
TA Change from – 55_C to + 25_C
MC14521 only
Complete Oscillator*
TA Change from +25_C to+125_C
MC14521 only
Complete Oscillator*
+ 6.0
+ 2.0
– 4.0
+ 100
– 2.0
– 160
+ 2.0
+ 2.0
– 2.0
+ 120
– 2.0
– 560
ppm
ppm
ppm
ppm
ppm
ppm
*Complete oscillator includes crystal, capacitors, and resistors.
Figure 4. Typical Data for Crystal Oscillator Circuit
Figure 3. Crystal Oscillator Circuit
VDD
VDD
VDD
VSS
VSS
OUT 1
OUT 2
Q18
Q19
Q20
Q21
Q22
Q23
Q24
IN 1
IN 2
R
R*
R*
CS
CT
Ro
18 M
*Optional for low power operation,
10 kW ≤ R ≤ 70 kW.


Numéro de pièce similaire - MC14521BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14521BCP ONSEMI-MC14521BCP Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521BCPG ONSEMI-MC14521BCPG Datasheet
119Kb / 9P
   24?뭆tage Frequency Divider
June, 2006 ??Rev. 6
MC14521BCPG ONSEMI-MC14521BCPG Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
More results

Description similaire - MC14521BCP

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14521B ONSEMI-MC14521B Datasheet
188Kb / 9P
   24-Stage Frequency Divider
September, 2009 ??Rev. 7
logo
STMicroelectronics
HCF4521B STMICROELECTRONICS-HCF4521B Datasheet
102Kb / 12P
   24 STAGE FREQUENCY DIVIDER
logo
Toshiba Semiconductor
TC4521BP TOSHIBA-TC4521BP_07 Datasheet
396Kb / 9P
   24-Stage Frequency Divider
logo
Hitachi Semiconductor
HD14521B HITACHI-HD14521B Datasheet
97Kb / 6P
   24-Stage Frequency Divider
logo
Texas Instruments
CD4521BE TI-CD4521BE Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-Stage Frequency Divider
CD4521B TI-CD4521B Datasheet
282Kb / 8P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
CD4521B TI-CD4521B_15 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS 24-STAGE FREQUENCY DIVIDER
logo
Nexperia B.V. All right...
HEF4521B NEXPERIA-HEF4521B_V01 Datasheet
266Kb / 15P
   24-stage frequency divider and oscillator
3 December 2021
logo
NXP Semiconductors
HEF4521B NXP-HEF4521B_09 Datasheet
114Kb / 17P
   24-stage frequency divider and oscillator
Rev. 05-5 November 2009
HEF4521B PHILIPS-HEF4521B Datasheet
159Kb / 11P
   24-stage frequency divider and oscillator
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com