Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4365-CQZ Fiches technique(PDF) 7 Page - Cirrus Logic

No de pièce CS4365-CQZ
Description  114 dB, 192 kHz 6-Channel D/A Converter
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4365-CQZ Fiches technique(HTML) 7 Page - Cirrus Logic

Back Button CS4365-CQZ Datasheet HTML 3Page - Cirrus Logic CS4365-CQZ Datasheet HTML 4Page - Cirrus Logic CS4365-CQZ Datasheet HTML 5Page - Cirrus Logic CS4365-CQZ Datasheet HTML 6Page - Cirrus Logic CS4365-CQZ Datasheet HTML 7Page - Cirrus Logic CS4365-CQZ Datasheet HTML 8Page - Cirrus Logic CS4365-CQZ Datasheet HTML 9Page - Cirrus Logic CS4365-CQZ Datasheet HTML 10Page - Cirrus Logic CS4365-CQZ Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
DS670PP1
7
CS4365
VQ
21
Quiescent Voltage (Output) - Filter connection for internal quiescent voltage. VQ
must be capacitively coupled to analog ground, as shown in the Typical Connection
Diagram. The nominal voltage level is specified in the Analog Characteristics and
Specifications section. VQ presents an appreciable source impedance and any cur-
rent drawn from this pin will alter device performance. However, VQ can be used to
bias the analog circuitry assuming there is no AC signal component and the DC cur-
rent is less then the maximum specified in the Analog Characteristics and Specifica-
tions section.
FILT+
20
Positive Voltage Reference (Output) - Positive reference voltage for the internal
sampling circuits. Requires the capacitive decoupling to analog ground as shown in
the Typical Connection Diagram.
AOUTA1 +,-
AOUTB1 +,-
AOUTA2 +,-
AOUTB2 +,-
AOUTA3 +,-
AOUTB3 +,-
39,40
37,38
35,36
33,34
29,30
27,28
Differential Analog Output (Output) - The full scale differential analog output level is
specified in the Analog Characteristics specification table.
MUTEC1
MUTEC2
MUTEC3
MUTEC4
MUTEC5
MUTEC6
41
26
25
24
23
22
Mute Control (Output) - The Mute Control pins go high during power-up initialization,
reset, muting, power-down or if the master clock to left/right clock frequency ratio is
incorrect. These pins are intended to be used as a control for external mute circuits on
the line outputs to prevent the clicks and pops that can occur in any single supply sys-
tem. Use of Mute Control is not mandatory but recommended for designs requiring
the absolute minimum in extraneous clicks and pops.
Hardware Mode Definitions
M0
M1
M2
M3
M4
17
16
15
12
10
Mode Selection (Input) - Determines the operational mode of the device as detailed in Tables
6 and 7.
Software Mode Definitions
SCL/CCLK
15
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an
external pull-up resistor to the logic interface voltage in I2C mode as shown in the
Typical Connection Diagram.
SDA/CDIN
16
Serial Control Port Data (Input/Output) - SDA is a data I/O line in I2C mode and is
open drain, requiring an external pull-up resistor to the logic interface voltage, as
shown in the Typical Connection Diagram; CDIN is the input data line for the control
port interface in SPI mode.
AD0/CS
17
Address Bit 0 (I2C) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address
pin in I2C mode; CS is the chip select signal for SPI mode.
TST
10, 12 Test - These pins need to be tied to analog ground.
DSD Definitions
DSDA1
DSDB1
DSDA2
DSDB2
DSDA3
DSDB3
3
2
1
48
47
46
Direct Stream Digital Input (Input) - Input for Direct Stream Digital serial audio data.
DSD_SCLK
42
DSD Serial Clock (Input) - Serial clock for the Direct Stream Digital serial audio interface.
Pin Name
#
Pin Description


Numéro de pièce similaire - CS4365-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4365-CQZ CIRRUS-CS4365-CQZ Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZ CIRRUS-CS4365-CQZ Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365-CQZR CIRRUS-CS4365-CQZR Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results

Description similaire - CS4365-CQZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com