Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDB4270 Fiches technique(PDF) 2 Page - Cirrus Logic

No de pièce CDB4270
Description  24-Bit, 192 kHz Stereo Audio CODEC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CDB4270 Fiches technique(HTML) 2 Page - Cirrus Logic

  CDB4270 Datasheet HTML 1Page - Cirrus Logic CDB4270 Datasheet HTML 2Page - Cirrus Logic CDB4270 Datasheet HTML 3Page - Cirrus Logic CDB4270 Datasheet HTML 4Page - Cirrus Logic CDB4270 Datasheet HTML 5Page - Cirrus Logic CDB4270 Datasheet HTML 6Page - Cirrus Logic CDB4270 Datasheet HTML 7Page - Cirrus Logic CDB4270 Datasheet HTML 8Page - Cirrus Logic CDB4270 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
2
DS686A1
CS4270
Stand-Alone Mode Feature Set
System Features
Serial Audio Port Master or Slave Operation
Single, Double, or Quad-Speed Operation
D/A Features
Auto-mute on Static Samples
44.1 kHz 50/15
µs De-emphasis Available
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
A/D Features
High-Pass Filter
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Software Mode Feature Set
System Features
Serial Audio Port Master or Slave Operation
Internal Digital Loopback Available
D/A Features
Selectable Auto-mute
44.1-kHz De-emphasis Filters
Configurable Muting Controls
Volume Control
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
Right Justified 16, and 24-bit
A/D Features
Selectable High-Pass Filter or DC Offset
Calibration
Selectable Serial Audio Interface Formats
Left-Justified up to 24-bit
I²S up to 24-bit
General Description
The CS4270 is a high-performance, integrated audio
CODEC. The CS4270 performs stereo analog-to-digital
(A/D) and digital-to-analog (D/A) conversion of up to
24-bit serial values at sample rates up to 216 kHz.
Standard 50/15
µs de-emphasis is available for sam-
pling rates of 44.1 kHz for compatibility with digital audio
programs mastered using the 50/15
µs pre-emphasis
technique.
Integrated level translators allow easy interfacing be-
tween the CS4270 and other devices operating over a
wide range of logic levels.
Independently addressable high-pass filters are avail-
able for the right and left channel of the A/D. This allows
the A/D to be used in a wide variety of applications
where one audio channel and one DC measurement
channel is desired.
The CS4270’s wide dynamic range, negligible distor-
tion, and low noise make it ideal for applications such as
DVD-recorders, digital televisions, set top boxes, ef-
fects processors, and automotive audio systems.
ORDERING INFORMATION
Product
Description
Package
Pb-Free
Grade
Temp Range
Container
Order #
CS4270
24-Bit 192 kHz Stereo
Audio CODEC
24-TSSOP
YES
Commercial -10° to +85° C
Rail
CS4270-CZZ
Tape & Reel CS4270-CZZR
CS4270
24-Bit 192 kHz Stereo
Audio CODEC
24-TSSOP
YES
Commercial -40° to +85° C
Rail
CS4270-DZZ
Tape & Reel CS4270-DZZR
CDB4270 CS4270 Evaluation Board
-
-
-
-
-
CDB4270


Numéro de pièce similaire - CDB4270

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CDB4270 CIRRUS-CDB4270 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
More results

Description similaire - CDB4270

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4272-DZZ CIRRUS-CS4272-DZZ Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4272 CIRRUS-CS4272 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4271 CIRRUS-CS4271 Datasheet
1Mb / 53P
   24-Bit, 192 kHz Stereo Audio CODEC
CS4270 CIRRUS-CS4270_06 Datasheet
980Kb / 49P
   24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5322 PROTEC-PA5322 Datasheet
280Kb / 17P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Suzhou Everest Semicond...
ES7322 EVEREST-ES7322 Datasheet
908Kb / 23P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Protek Devices
PA5388 PROTEC-PA5388 Datasheet
750Kb / 27P
   100dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Wolfson Microelectronic...
WM8591 WOLFSON-WM8591 Datasheet
495Kb / 50P
   24 BIT, 192 KHZ STEREO CODEC
logo
Cirrus Logic
CS4265 CIRRUS-CS4265_07 Datasheet
1Mb / 56P
   104 dB, 24-Bit, 192 kHz Stereo Audio CODEC
logo
Burr-Brown (TI)
PCM3060 BURR-BROWN-PCM3060 Datasheet
505Kb / 45P
   24-BIT, 96/192-kHz ASYNCHRONOUS STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com