Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS4361 Fiches technique(PDF) 4 Page - Cirrus Logic

No de pièce CS4361
Description  20-pin, 24-bit, 192 kHz, 6-channel D/A Converter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4361 Fiches technique(HTML) 4 Page - Cirrus Logic

  CS4361 Datasheet HTML 1Page - Cirrus Logic CS4361 Datasheet HTML 2Page - Cirrus Logic CS4361 Datasheet HTML 3Page - Cirrus Logic CS4361 Datasheet HTML 4Page - Cirrus Logic CS4361 Datasheet HTML 5Page - Cirrus Logic CS4361 Datasheet HTML 6Page - Cirrus Logic CS4361 Datasheet HTML 7Page - Cirrus Logic CS4361 Datasheet HTML 8Page - Cirrus Logic CS4361 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
CS4361
4
DS672A2
1. PIN DESCRIPTIONS
Pin Name
#
Pin Description
SDIN1
SDIN2
SDIN3
2
3
4
Serial Audio Data Input (Input) - Input for two’s complement serial audio data.
DEM/SCLK
5
De-emphasis/External Serial Clock Input (Input) - used for de-emphasis filter control or exter-
nal serial clock input.
LRCK
6
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
7
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
VQ
11 Quiescent Voltage (Output) - Filter connection for internal quiescent voltage.
FILT+
10 Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling
circuits.
AOUT1
AOUT2
AOUT3
AOUT4
AOUT5
AOUT6
19
18
17
16
13
12
Analog Output (Output) - The full scale analog output level is specified in the Analog Charac-
teristics specification table.
GND
14 Ground (Input) - ground reference.
VA
15 Analog Power (Input) - Positive power for the analog and core digital sections.
VL
1
Interface Power (Input) - Positive power for the digital interface level shifters.
RST
8
Reset (Input) - Applies reset to the internal circuitry when low.
MUTEC
20 Mute Control (Output) - Control signal for optional external muting circuitry.
MODE
9
Mode Control (Input) - Selects operational modes (see table 3).
VL
MUTEC
SDIN1
AOUT1
SDIN2
AOUT2
SDIN3
AOUT3
DEM/SCLK
AOUT4
LRCK
VA
MCLK
GND
RST
AOUT5
MODE
AOUT6
FILT+
VQ
1
2
3
4
5
16
17
18
19
20
6
7
8
9
10
11
12
13
14
15


Numéro de pièce similaire - CS4361

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361-CZZ CIRRUS-CS4361-CZZ Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
More results

Description similaire - CS4361

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS4361 CIRRUS-CS4361_08 Datasheet
703Kb / 24P
   20-Pin, 24-Bit, 192 kHz, 6-Channel D/A Converter
CS4360 CIRRUS-CS4360_04 Datasheet
848Kb / 37P
   24-Bit, 192 kHz 6 Channel D/A Converter
CS4360 CIRRUS-CS4360 Datasheet
875Kb / 36P
   24-Bit, 192 kHz 6 Channel D/A Converter?
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4364 CIRRUS-CS4364 Datasheet
983Kb / 50P
   103 dB, 192 kHz 6-Channel D/A Converter
logo
Suzhou Everest Semicond...
ES7145LV EVEREST-ES7145LV Datasheet
308Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
ES7144LV EVEREST-ES7144LV Datasheet
231Kb / 8P
   10-pin, 24-Bit, 192 kHz Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4396 CIRRUS-CS4396 Datasheet
527Kb / 28P
   24-Bit, 192 kHz D/A Converter for Digital Audio?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com