Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS42L51-DNZ Fiches technique(PDF) 11 Page - Cirrus Logic

No de pièce CS42L51-DNZ
Description  Low Power, Stereo CODEC with Headphone Amp
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-DNZ Fiches technique(HTML) 11 Page - Cirrus Logic

Back Button CS42L51-DNZ Datasheet HTML 7Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 8Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 9Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 10Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 11Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 12Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 13Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 14Page - Cirrus Logic CS42L51-DNZ Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 83 page
background image
DS679A2
11
CS42L51
+1.8V or +2.5V
1 µF
VQ
DAC_FILT+
0.1 µF
1 µF
DGND
VL
0.1 µF
+1.8V, 2.5 V
or +3.3V
I²S/LJ
MCLKDIV2
RESET
LRCK
AGND
DEM
MCLK
SCLK
0.1 µF
VA_HP
VD
* Capacitors must be C0G or equivalent
1000 pF
AFILTA
AFILTB
1000 pF
SDIN
SDOUT/
M/S
CS42L51
1 µF
**
+1.8V or +2.5V
AOUTB
AOUTA
470
470
C
C
Rext
Rext
See Note 2
AIN1A
Left Analog Input 1
1800 pF
1800 pF
100 k
100 k
100
100
AIN1B
Right Analog Input 1
*
*
For best response to Fs/2 :
()
470
4
470
×
+
=
ext
ext
R
Fs
R
C
π
This circuitry is intended for applications where the CS 42L51 connects directly to an unbalanced output of the device . For
internal routing applications please see the DAC Analog Output Characteristics section for loading limitations .
Note 2 :
Digital Audio
Processor
0.1 µF
VA
Headphone Out
Left & Right
Line Level Out
Left & Right
Speaker Driver
FLYP
FLYN
VSS_HP
GND_HP
10 µF
ADC_FILT+
1 µF
1 µF
51.1
0.022 µF
VL
1 µF
See Note 4
Note 4:
Series resistance in the path of the power supplies (typically
used for added filtering) must be avoided. Any voltage drop
on VA_HP will directly impact the negative charge pump
supply (VSS_HP) and result in clipping on the audio output .
1 µF
1 µF
**
**
* *Use low ESR ceramic capacitors.
Figure 2. Typical Connection Diagram (Hardware Mode)


Numéro de pièce similaire - CS42L51-DNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42L51-DNZ CIRRUS-CS42L51-DNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-DNZR CIRRUS-CS42L51-DNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
More results

Description similaire - CS42L51-DNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com