Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CS42L51-CNZ Fiches technique(PDF) 1 Page - Cirrus Logic

No de pièce CS42L51-CNZ
Description  Low Power, Stereo CODEC with Headphone Amp
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CIRRUS [Cirrus Logic]
Site Internet  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42L51-CNZ Fiches technique(HTML) 1 Page - Cirrus Logic

  CS42L51-CNZ Datasheet HTML 1Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 2Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 3Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 4Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 5Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 6Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 7Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 8Page - Cirrus Logic CS42L51-CNZ Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 83 page
background image
Copyright
© Cirrus Logic, Inc. 2005
(All Rights Reserved)
http://www.cirrus.com
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
SEPTEMBER '05
DS679A2
Low Power, Stereo CODEC with Headphone Amp
DIGITAL to ANALOG FEATURES
! 98 dB Dynamic Range (A-wtd)
! -86 dB THD+N
! Headphone Amplifier - GND Centered
On-Chip Charge Pump Provides -VA_HP
No DC-Blocking Capacitor Required
46 mW Power Into Stereo 16
Ω @ 1.8 V
88 mW Power Into Stereo 16
Ω @ 2.5 V
-75 dB THD+N
! Digital Signal Processing Engine
Bass & Treble Tone Control, De-Emphasis
PCM + ADC Mix w/Independent Vol Control
Master Digital Volume Control
Soft Ramp & Zero Cross Transitions
!
Beep Generator
Tone Selections Across Two Octaves
Separate Volume Control
Programmable On & Off Time Intervals
Continuous, Periodic or One-Shot Beep
Selections
! Programmable Peak-Detect and Limiter
! Pop and Click Suppression
ANALOG to DIGITAL FEATURES
! 98 dB Dynamic Range (A-wtd)
!
-88 dB THD+N
! Analog Gain Controls
+32 dB or +16 dB MIC Pre-Amplifiers
Analog Programmable Gain Amplifier
(PGA)
! +20 dB Digital Boost
! Programmable Automatic Level Control (ALC)
Noise Gate for Noise Suppression
Programmable Threshold and
Attack/Release Rates
! Independent Channel Control
! Digital Volume Control
! High-Pass Filter Disable for DC Measurements
! Stereo 3:1 Analog Input MUX
! Dual MIC Inputs
Programmable, Low Noise MIC Bias Levels
Differential MIC Mix for Common Mode
Noise Rejection
! Very Low 64 Fs Oversampling Clock Reduces
Power Consumption
1.8 V to 3.3 V
Multibit
∆Σ Modulator
Charge
Pump
Left HP Out
Right HP Out
Multibit
Oversampling
ADC
Multibit
Oversampling
ADC
Serial Audio
Input
Serial Audio
Output
1.8 V to 2.5 V
1.8 V to 2.5 V
MUX
PGA
Register
Configuration
Reset
Hardware
Mode or I
2C &
SPI Software
Mode
Control Data
Stereo Input 1
Stereo Input 2
Stereo Input 3 /
Mic Input 1 & 2
PGA
+32 dB
+32 dB
Volume
Controls
Beep
Generator
MUX
MUX
Headphone
Amp - GND
Centered
Headphone
Amp - GND
Centered
ALC
MIC
Bias
1.8 V to 2.5 V
MUX
MUX
Switched
Capacitor DAC
and Filter
Switched
Capacitor DAC
and Filter
High Pass
Filters
ALC
Digital
Signal
Processing
Engine
CS42L51


Numéro de pièce similaire - CS42L51-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42L51-CNZ CIRRUS-CS42L51-CNZ Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
CS42L51-CNZR CIRRUS-CS42L51-CNZR Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
More results

Description similaire - CS42L51-CNZ

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Cirrus Logic
CS42L50 CIRRUS-CS42L50 Datasheet
1Mb / 48P
   Low Voltage, Stereo CODEC with headphone Amp
CS42L56 CIRRUS-CS42L56 Datasheet
3Mb / 92P
   Ultralow Power, Stereo Codec with Class H Headphone Amp
Version 2.1, January 2000
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com