Moteur de recherche de fiches techniques de composants électroniques |
|
MC14051BDR2 Fiches technique(PDF) 4 Page - ON Semiconductor |
|
MC14051BDR2 Fiches technique(HTML) 4 Page - ON Semiconductor |
4 / 12 page MC14051B, MC14052B, MC14053B http://onsemi.com 4 ELECTRICAL CHARACTERISTICS (Note 4) (CL = 50 pF, TA = 25_C) (VEE v VSS unless otherwise indicated) Characteristic Symbol VDD – VEE Vdc Typ (Note 5) All Types Max Unit Propagation Delay Times (Figure 6) Switch Input to Switch Output (RL = 10 kW) MC14051 tPLH, tPHL = (0.17 ns/pF) CL + 26.5 ns tPLH, tPHL = (0.08 ns/pF) CL + 11 ns tPLH, tPHL = (0.06 ns/pF) CL + 9.0 ns tPLH, tPHL 5.0 10 15 35 15 12 90 40 30 ns MC14052 tPLH, tPHL = (0.17 ns/pF) CL + 21.5 ns tPLH, tPHL = (0.08 ns/pF) CL + 8.0 ns tPLH, tPHL = (0.06 ns/pF) CL + 7.0 ns 5.0 10 15 30 12 10 75 30 25 ns MC14053 tPLH, tPHL = (0.17 ns/pF) CL + 16.5 ns tPLH, tPHL = (0.08 ns/pF) CL + 4.0 ns tPLH, tPHL = (0.06 ns/pF) CL + 3.0 ns 5.0 10 15 25 8.0 6.0 65 20 15 ns Inhibit to Output (RL = 10 kW, VEE = VSS) Output “1” or “0” to High Impedance, or High Impedance to “1” or “0” Level MC14051B tPHZ, tPLZ, tPZH, tPZL 5.0 10 15 350 170 140 700 340 280 ns MC14052B 5.0 10 15 300 155 125 600 310 250 ns MC14053B 5.0 10 15 275 140 110 550 280 220 ns Control Input to Output (RL = 10 kW, VEE = VSS) MC14051B tPLH, tPHL 5.0 10 15 360 160 120 720 320 240 ns MC14052B 5.0 10 15 325 130 90 650 260 180 ns MC14053B 5.0 10 15 300 120 80 600 240 160 ns Second Harmonic Distortion (RL = 10KW, f = 1 kHz) Vin = 5 VPP − 10 0.07 − % Bandwidth (Figure 7) (RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p, CL = 50pF 20 Log (Vout/Vin) = − 3 dB) BW 10 17 − MHz Off Channel Feedthrough Attenuation (Figure 7) RL = 1KW, Vin = 1/2 (VDD − VEE) p−p fin = 4.5 MHz — MC14051B fin = 30 MHz — MC14052B fin = 55 MHz — MC14053B − 10 – 50 − dB Channel Separation (Figure 8) (RL = 1 kW, Vin = 1/2 (VDD−VEE) p−p, fin = 3.0 MHz − 10 – 50 − dB Crosstalk, Control Input to Common O/I (Figure 9) (R1 = 1 kW, RL = 10 kW Control tTLH = tTHL = 20 ns, Inhibit = VSS) − 10 75 − mV 4. The formulas given are for the typical characteristics only at 25 _C. 5. Data labelled “Typ” is not lo be used for design purposes but In intended as an indication of the IC’s potential performance. |
Numéro de pièce similaire - MC14051BDR2 |
|
Description similaire - MC14051BDR2 |