Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC14094B Fiches technique(PDF) 6 Page - ON Semiconductor

No de pièce MC14094B
Description  8-Stage Shift/Store Register with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14094B Fiches technique(HTML) 6 Page - ON Semiconductor

  MC14094B Datasheet HTML 1Page - ON Semiconductor MC14094B Datasheet HTML 2Page - ON Semiconductor MC14094B Datasheet HTML 3Page - ON Semiconductor MC14094B Datasheet HTML 4Page - ON Semiconductor MC14094B Datasheet HTML 5Page - ON Semiconductor MC14094B Datasheet HTML 6Page - ON Semiconductor MC14094B Datasheet HTML 7Page - ON Semiconductor MC14094B Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MC14094B
http://onsemi.com
6
10
DYNAMIC TIMING DIAGRAM
3
15
CLOCK
2
DATA IN
1
STROBE
OUTPUT
ENABLE
N
Q1
³ Q7
9
QS
Q
S
tWH
50%
tsu
th
tWL
50%
tr
tf
90%
10%
50%
50%
tPZL
tPZH
tPHZ
tPHL
tPLH
tPLH
tPLZ
10%
90%
10%
90%
90%
90%
10%
10%
50%
50%
50%
50%
tPHL
tPLH
tTHL
tTLH
tPLH
tPHL
PACKAGE DIMENSIONS
PDIP–16
P SUFFIX
PLASTIC DIP PACKAGE
CASE 648–08
ISSUE R
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_


Numéro de pièce similaire - MC14094B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094B ONSEMI-MC14094B Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
MC14094B ONSEMI-MC14094B Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094BCP ONSEMI-MC14094BCP Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
MC14094BCPG ONSEMI-MC14094BCPG Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
More results

Description similaire - MC14094B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_14 Datasheet
136Kb / 9P
   8-Stage Shift/Store Register with Three-State Outputs
August, 2014 ??Rev. 10
MC14094BDTR2G ONSEMI-MC14094BDTR2G Datasheet
161Kb / 10P
   8-Stage Shift/Store Register with Three-State Outputs
May, 2013 ??Rev. 9
logo
STMicroelectronics
HCF4094B STMICROELECTRONICS-HCF4094B_04 Datasheet
237Kb / 13P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
HCF4094B STMICROELECTRONICS-HCF4094B Datasheet
306Kb / 12P
   8 STAGE SHIFT AND STORE BUS REGISTER WITH 3-STATE OUTPUTS
October 2002
logo
ON Semiconductor
MC14094B ONSEMI-MC14094B_05 Datasheet
121Kb / 10P
   8?뭆tage Shift/Store Register with Three?뭆tate Outputs
August, 2005 ??Rev. 6
logo
Unisonic Technologies
U74HC4094 UTC-U74HC4094 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
U74HC4094 UTC-U74HC4094_15 Datasheet
236Kb / 6P
   8-STAGE SHIFT & STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B_10 Datasheet
169Kb / 19P
   8-stage shift-and-store register
Rev. 08-2 April 2010
logo
Nexperia B.V. All right...
HEF4094B NEXPERIA-HEF4094B Datasheet
263Kb / 15P
   8-stage shift-and-store register
Rev. 14 - 8 July 2021
logo
NXP Semiconductors
HEF4094BTD-T PHILIPS-HEF4094BTD-T Datasheet
204Kb / 20P
   8-stage shift-and-store register
Rev. 11-29 August 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com