Moteur de recherche de fiches techniques de composants électroniques |
|
MC14049UB Fiches technique(PDF) 7 Page - ON Semiconductor |
|
MC14049UB Fiches technique(HTML) 7 Page - ON Semiconductor |
7 / 8 page MC14049UB http://onsemi.com 7 PACKAGE DIMENSIONS HE A1 DIM MIN MAX MIN MAX INCHES ––– 2.05 ––– 0.081 MILLIMETERS 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.18 0.27 0.007 0.011 9.90 10.50 0.390 0.413 5.10 5.45 0.201 0.215 1.27 BSC 0.050 BSC 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 ––– 0.78 ––– 0.031 A1 HE Q1 LE _ 10_ 0 _ 10_ LE Q1 _ NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). M L DETAIL P VIEW P c A b e M 0.13 (0.005) 0.10 (0.004) 1 16 9 8 D Z E A b c D E e L M Z SOEIAJ–16 F SUFFIX PLASTIC EIAJ SOIC PACKAGE CASE 966–01 ISSUE O |
Numéro de pièce similaire - MC14049UB |
|
Description similaire - MC14049UB |