Moteur de recherche de fiches techniques de composants électroniques |
|
GS71024T-8I Fiches technique(PDF) 3 Page - GSI Technology |
|
GS71024T-8I Fiches technique(HTML) 3 Page - GSI Technology |
3 / 13 page GS71024T/U Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Rev: 1.05 11/2004 3/13 © 1999, GSI Technology X: “H” or “L” Note: Permanent device damage may occur if Absolute Maximum Ratings are exceeded. Functional operation shall be restricted to Recommended Operating Conditions. Exposure to higher than recommended voltages for extended periods of time could affect device reliability. Truth Table CE1 CE2 OE WE V/S Mode DQ0 to DQ23 VDD Current H XXXX Not selected High Z ISB1, ISB2 X L X X X Not selected High Z L H L H H Read using X/Y Data Out IDD L H L H L Read using A15 Data Out L H X L H Write using X/Y Data In L H X L L Write using A15 Data In L H H H X Output disable High Z Absolute Maximum Ratings Parameter Symbol Rating Unit Supply Voltage VDD –0.5 to +4.6 V Input Voltage VIN –0.5 to VDD + 0.5 ( ≤ 4.6 V max.) V Output Voltage VOUT –0.5 to VDD + 0.5 ( ≤ 4.6 V max.) V Allowable TQFP power dissipation PD 1 W Allowable FPBGA power dissipation PD 1 W Storage temperature TSTG –55 to 150 oC |
Numéro de pièce similaire - GS71024T-8I |
|
Description similaire - GS71024T-8I |