Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC1121DMR2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC1121DMR2
Description  100mA Charge Pump Voltage Converter with Shutdown
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC1121DMR2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC1121DMR2 Datasheet HTML 1Page - ON Semiconductor MC1121DMR2 Datasheet HTML 2Page - ON Semiconductor MC1121DMR2 Datasheet HTML 3Page - ON Semiconductor MC1121DMR2 Datasheet HTML 4Page - ON Semiconductor MC1121DMR2 Datasheet HTML 5Page - ON Semiconductor MC1121DMR2 Datasheet HTML 6Page - ON Semiconductor MC1121DMR2 Datasheet HTML 7Page - ON Semiconductor MC1121DMR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC1121
http://onsemi.com
2
PIN DESCRIPTION
Pin No.
Symbol
Description
1
FC
Frequency control for internal oscillator, FC = open, FOSC = 10kHz typ; FC = VDD, FOSC = 200kHz
typ, FC has no effect when OSC pin is driven externally
2
CAP+
Charge–pump capacitor, positive terminal
3
GND
Power–supply ground input
4
CAP–
Charge–pump capacitor, negative terminal
5
VOUT
Output, negative voltage
6
SHDN
Shutdown
7
OSC
Oscillator control input. An external capacitor can be added to slow the oscillator. Take care to
minimize stray capacitance. An external oscillator also may be connected to overdrive OSC
8
VDD
Power–supply positive voltage input
ABSOLUTE MAXIMUM RATINGS*
Parameter
Value
Unit
VDD Supply Voltage
6.0
V
Operating Temperature Range
–40 to +85
°C
OSC, FC, SHDN Input Voltage
–0.3 to (VDD + 0.3)
V
Output Short Circuit Duration
10
Sec
Storage Temperature Range
–65 to +150
°C
Package Power Dissipation (TA ≤ 70°C) Micro8
Derate by 4mW/
°C for TA > 70°C
333
mW
Lead Temperature (Soldering, 10 Seconds)
+300
°C
* Maximum Ratings are those values beyond which damage to the device may occur.
ELECTRICAL CHARACTERISTICS (TA = –40°C to +85°C, VDD = 5V ±10% COSC = OPEN, C1, C2 = 10µF, FC = VDD,
SHDN = VIH, unless otherwise noted. Typical values are at TA = 25°C.)
Symbol
Characteristic
Min
Typ
Max
Unit
IDD
Active Supply Current
RL = Open, FC = Open or GND
RL = Open, FC = VDD
50
0.6
100
1.0
µA
mA
IDD(SHDN)
Shutdown Supply Current (SHDN = 0V)
0.2
1.0
µA
VDD
Supply Voltage
2.4
5.5
V
VIH
SHDN Logic High Input Voltage
VDD x 0.8
V
VIL
SHDN Logic Low Input Voltage
0.4
V
IIN
Input Leakage Current
SHDN, OSC
FC Pin
–1.0
–4.0
1.0
4.0
µA
ROUT
Output Source Resistance (IOUT = 60 mA)
12
20
W
IOUT
Output Current (VOUT more negative than –3.75V)
60
100
mA
FOSC
Oscillator Frequency
OSC Open, FC = Open or GND
SHDN = VIH, FC = VDD
5.0
100
10
200
kHz
PEFF
Power Efficiency (FC = GND)
RL = 2kW between VDD and VOUT
RL = 1 kW between VOUT and GND
IL = 60 mA to GND
93
94
97
97
92
%
VEFF
Voltage Conversion Efficiency (RL = OPEN)
99
99.9
%


Numéro de pièce similaire - MC1121DMR2

FabricantNo de pièceFiches techniqueDescription
logo
Zhengzhou Winsen Electr...
MC112 WINSEN-MC112 Datasheet
505Kb / 7P
   Catalytic Gas Sensor
logo
LANSDALE Semiconductor ...
MC112061P LANSDALE-MC112061P Datasheet
1Mb / 9P
   Crystal Oscillator
MC112061P LANSDALE-MC112061P Datasheet
366Kb / 9P
   Crystal Oscillator
logo
Zhengzhou Winsen Electr...
MC112C WINSEN-MC112C Datasheet
505Kb / 7P
   Catalytic Gas Sensor
MC112D WINSEN-MC112D Datasheet
505Kb / 7P
   Catalytic Gas Sensor
More results

Description similaire - MC1121DMR2

FabricantNo de pièceFiches techniqueDescription
logo
Microchip Technology
TC1121 MICROCHIP-TC1121 Datasheet
442Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2002
TC1121EOA713 MICROCHIP-TC1121EOA713 Datasheet
462Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
02/16/06
TC1121 MICROCHIP-TC1121_06 Datasheet
509Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
2006
TC1121 MICROCHIP-TC1121_14 Datasheet
150Kb / 14P
   100mA Charge Pump Voltage Converter with Shutdown
03/25/14
logo
TelCom Semiconductor, I...
TC660 TELCOM-TC660 Datasheet
122Kb / 8P
   100mA CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
logo
BCD Semiconductor Manuf...
AP3602A BCDSEMI-AP3602A Datasheet
296Kb / 17P
   100mA REGULATED CHARGE PUMP
logo
Maxim Integrated Produc...
MAX864 MAXIM-MAX864 Datasheet
122Kb / 12P
   Dual-Output Charge Pump with Shutdown
Rev 0; 3/96
logo
Analog Microelectronics
AME7730 AME-AME7730 Datasheet
163Kb / 12P
   100mA Regulated Charge Pump
logo
Diodes Incorporated
AP3602A DIODES-AP3602A Datasheet
471Kb / 11P
   100mA REGULATED CHARGE PUMP
August 2019 Rev. 4 - 2
logo
Microchip Technology
TC3682 MICROCHIP-TC3682_05 Datasheet
240Kb / 10P
   Inverting Charge Pump Voltage Doublers with Active Low Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com