Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H643 Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce MC10H643
Description  DUAL SUPPLY ECL-TTL 1:8 CLOCK DRIVER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H643 Fiches technique(HTML) 4 Page - ON Semiconductor

  MC10H643 Datasheet HTML 1Page - ON Semiconductor MC10H643 Datasheet HTML 2Page - ON Semiconductor MC10H643 Datasheet HTML 3Page - ON Semiconductor MC10H643 Datasheet HTML 4Page - ON Semiconductor MC10H643 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC10H643 MC100H643
MOTOROLA
MECL Data
DL122 — Rev 6
2–4
OUTLINE DIMENSIONS
FN SUFFIX
PLASTIC PLCC PACKAGE
CASE 776–02
ISSUE D
NOTES:
1. DATUMS –L–, –M–, AND –N– DETERMINED
WHERE TOP OF LEAD SHOULDER EXITS
PLASTIC BODY AT MOLD PARTING LINE.
2. DIMENSION G1, TRUE POSITION TO BE
MEASURED AT DATUM –T–, SEATING PLANE.
3. DIMENSIONS R AND U DO NOT INCLUDE
MOLD FLASH. ALLOWABLE MOLD FLASH IS
0.010 (0.250) PER SIDE.
4. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
5. CONTROLLING DIMENSION: INCH.
6. THE PACKAGE TOP MAY BE SMALLER THAN
THE PACKAGE BOTTOM BY UP TO 0.012
(0.300). DIMENSIONS R AND U ARE
DETERMINED AT THE OUTERMOST
EXTREMES OF THE PLASTIC BODY
EXCLUSIVE OF MOLD FLASH, TIE BAR
BURRS, GATE BURRS AND INTERLEAD
FLASH, BUT INCLUDING ANY MISMATCH
BETWEEN THE TOP AND BOTTOM OF THE
PLASTIC BODY.
7. DIMENSION H DOES NOT INCLUDE DAMBAR
PROTRUSION OR INTRUSION. THE DAMBAR
PROTRUSION(S) SHALL NOT CAUSE THE H
DIMENSION TO BE GREATER THAN 0.037
(0.940). THE DAMBAR INTRUSION(S) SHALL
NOT CAUSE THE H DIMENSION TO BE
SMALLER THAN 0.025 (0.635).
–N–
–M–
–L–
V
W
D
D
Y BRK
28
1
VIEW S
S
L–M
S
0.010 (0.250)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
0.004 (0.100)
G1
G
J
C
Z
R
E
A
SEATING
PLANE
S
L–M
M
0.007 (0.180)
N S
T
–T–
B
S
L–M
S
0.010 (0.250)
N S
T
S
L–M
M
0.007 (0.180)
N S
T
U
S
L–M
M
0.007 (0.180)
N S
T
Z
G1
X
VIEW D–D
S
L–M
M
0.007 (0.180)
N S
T
K1
VIEW S
H
K
F
S
L–M
M
0.007 (0.180)
N S
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.485
0.495
12.32
12.57
B
0.485
0.495
12.32
12.57
C
0.165
0.180
4.20
4.57
E
0.090
0.110
2.29
2.79
F
0.013
0.019
0.33
0.48
G
0.050 BSC
1.27 BSC
H
0.026
0.032
0.66
0.81
J
0.020
–––
0.51
–––
K
0.025
–––
0.64
–––
R
0.450
0.456
11.43
11.58
U
0.450
0.456
11.43
11.58
V
0.042
0.048
1.07
1.21
W
0.042
0.048
1.07
1.21
X
0.042
0.056
1.07
1.42
Y
–––
0.020
–––
0.50
Z
2
10
2
10
G1
0.410
0.430
10.42
10.92
K1
0.040
–––
1.02
–––
__
__


Numéro de pièce similaire - MC10H643

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FN ONSEMI-MC10H643FN Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643FNG ONSEMI-MC10H643FNG Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
MC10H643FNR2 ONSEMI-MC10H643FNR2 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
More results

Description similaire - MC10H643

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H643 ONSEMI-MC10H643_06 Datasheet
113Kb / 7P
   Dual Supply ECL to TTL 1:8 Clock Driver
November, 2006 ??Rev. 8
MC10H643 ONSEMI-MC10H643_16 Datasheet
139Kb / 6P
   Dual Supply ECL to TTL 1:8 Clock Driver
August, 2016 ??Rev. 9
logo
Micrel Semiconductor
SY100HA643 MICREL-SY100HA643_06 Datasheet
88Kb / 5P
   DUAL SUPPLY OCTAL ECL-TO-TTL
SY100HA643 MICREL-SY100HA643 Datasheet
73Kb / 4P
   DUAL SUPPLY OCTAL ECL-TO-TTL
logo
ON Semiconductor
MC10H645 ONSEMI-MC10H645_06 Datasheet
133Kb / 6P
   1:9 TTL Clock Driver
February, 2006 ??Rev. 6
MC10H645 ONSEMI-MC10H645 Datasheet
106Kb / 5P
   1:9 TTL CLOCK DRIVER
1996 REV 4
logo
NXP Semiconductors
PCK210 PHILIPS-PCK210 Datasheet
93Kb / 10P
   Low voltage dual 1-5 differential ECL/PECL clock driver
2004 Apr 23
logo
List of Unclassifed Man...
AZ100LVE310 ETC1-AZ100LVE310 Datasheet
146Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
Arizona Microtek, Inc
AZ100LVE310 AZM-AZ100LVE310 Datasheet
71Kb / 5P
   ECL/PECL 2:8 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111_16 Datasheet
174Kb / 9P
   5V ECL 1:9 Differential Clock Driver
July, 2016 ??Rev. 17
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com