Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100H640 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce MC100H640
Description  PECL-TTL CLOCK DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100H640 Fiches technique(HTML) 5 Page - ON Semiconductor

  MC100H640 Datasheet HTML 1Page - ON Semiconductor MC100H640 Datasheet HTML 2Page - ON Semiconductor MC100H640 Datasheet HTML 3Page - ON Semiconductor MC100H640 Datasheet HTML 4Page - ON Semiconductor MC100H640 Datasheet HTML 5Page - ON Semiconductor MC100H640 Datasheet HTML 6Page - ON Semiconductor MC100H640 Datasheet HTML 7Page - ON Semiconductor MC100H640 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MC10H640 MC100H640
2–5
MOTOROLA
MECL Data
DL122 — Rev 6
10
11
9
0
255075
85
5.25 VCC
5 VCC
4.75 VCC
Figure 1. Positive Pulse Width at
25
°C Ambient and 50 MHz Out
LOAD (pF)
10
11
9
025
50
75
85
Figure 2. Negative Pulse Width @ 50 MHz
Out and 25
°C Ambient
LOAD (pF)
4.75 VCC
5 VCC
5.25 VCC
10
11
9
025
50
75
85
LOAD (pF)
Figure 3. Positive Pulse Width at
25
°C Ambient at 50 MHz Out
5.125 VCC
5 VCC
4.875 VCC
10
11
9
025
50
75
85
LOAD (pF)
Figure 4. Negative Pulse Width @ 50 MHz
Out and 25
°C Ambient
4.875 VCC
5 VCC
5.125 VCC
10
11
9
0
°
25
°
50
°
75
°
85
°
50 pF
25 pF
10 pF
Figure 5. Temperature versus Positive Pulse Width
for 100H640 at 50 MHz and +5.0 V VCC
TEMPERATURE (
°C)
10
11
9
0
°
25
°
50
°
75
°
85
°
10 pF
25 pF
Figure 6. Temperature versus Negative Pulse Width
for MC100H640 @ 50 MHz and +5.0 V VCC
TEMPERATURE (
°C)


Numéro de pièce similaire - MC100H640

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100H640 ONSEMI-MC100H640 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FN ONSEMI-MC100H640FN Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNG ONSEMI-MC100H640FNG Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNR2 ONSEMI-MC100H640FNR2 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC100H640FNR2G ONSEMI-MC100H640FNR2G Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
More results

Description similaire - MC100H640

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H640 ONSEMI-MC10H640_16 Datasheet
155Kb / 8P
   PECL to TTL Clock Driver
August, 2016 ??Rev. 9
MC10H646 ONSEMI-MC10H646 Datasheet
122Kb / 6P
   PENTIUM MICROPROCESSOR PECL/TTL-TTL CLOCK DRIVER
1996 REV 1
MC10H644 ONSEMI-MC10H644 Datasheet
101Kb / 5P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 3
MC10H642 ONSEMI-MC10H642 Datasheet
239Kb / 9P
   68030/040 PECL-TTL CLOCK DRIVER
1996 REV 4
MC10H642 ONSEMI-MC10H642_06 Datasheet
172Kb / 10P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H644 ONSEMI-MC10H644_06 Datasheet
167Kb / 6P
   68030/040 PECL to TTL Clock Driver
June, 2006 ??Rev. 6
MC10H640 ONSEMI-MC10H640_06 Datasheet
140Kb / 9P
   68030/040 PECL to TTL Clock Driver
November, 2006 ??Rev. 8
MC10H645 ONSEMI-MC10H645_15 Datasheet
74Kb / 6P
   TTL Clock Driver
April, 2015 ??Rev. 7
NB100LVEP222 ONSEMI-NB100LVEP222_15 Datasheet
140Kb / 13P
   Differential ECL/PECL Clock Driver
April, 2015??Rev. 13
MC10H646 ONSEMI-MC10H646_06 Datasheet
129Kb / 8P
   PECL/TTL?뭈TL 1:8 Clock Distribution Chip
November, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com