Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC10H600 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC10H600
Description  9-Bit TTL/ECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10H600 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC10H600 Datasheet HTML 1Page - ON Semiconductor MC10H600 Datasheet HTML 2Page - ON Semiconductor MC10H600 Datasheet HTML 3Page - ON Semiconductor MC10H600 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MC10H600 MC100H600
2–141
MOTOROLA
MECL Data
DL122 — Rev 6
DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
Power Supply Current
IEE
ECL
10H
100H
–125
–122
–125
–123
–125
–132
mA
ICCH
ICCL
TTL
48
50
48
50
48
50
mA
AC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = –4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
tPLH
t
Propagation Delay
to Otpt
D
1.4
3.0
1.5
3.2
1.7
3.5
ns
50
Ω to –2.0 V
tPHL
to Output
ENECL /
ENTTL
1.8
3.7
1.9
3.9
2.0
4.1
ns
50
Ω to –2.0 V
tR
tF
Output Rise/Fall Time
20% – 80%
0.5
1.5
0.5
1.5
0.5
1.5
ns
50
Ω to –2.0 V
10H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5%
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1170
–1950
– 840
–1480
–1130
–1950
– 810
–1480
–1070
–1950
– 735
–1450
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1020
–1950
– 840
–1630
– 980
–1950
– 810
–1630
– 920
–1950
– 735
–1600
mV
50
Ω to –2.0 V
100H ECL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 4.2 V to – 5.5 V
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
IIH
IIL
Input HIGH Current
Input LOW Current
0.5
225
0.5
145
0.5
145
µA
µA
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
–1165
–1810
– 880
–1475
mV
VOH
VOL
Output HIGH Voltage
Output LOW Voltage
–1025
–1810
– 880
–1620
–1025
–1810
– 880
–1620
–1025
–1810
– 880
–1620
mV
50
Ω to –2.0 V
TTL DC CHARACTERISTICS: VCCT = 5.0 V ± 10%; VEE = – 5.2 V ± 5% (10H version); VEE = – 4.2 V to – 5.5 V (100H version)
Sb l
P
0
°C
25
°C
75
°C
Ui
Cdi i
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Unit
Condition
VIH
VIL
Input HIGH Voltage
Input LOW Voltage
2.0
0.8
2.0
0.8
2.0
0.8
V
V
IIH
Input HIGH Current
20
100
20
100
20
100
µA
VIN = 2.7 V
VIN = 7.0 V
IIL
Input LOW Current
– 0.6
– 0.6
– 0.6
mA
VIN = 0.5 V
VIK
Input Clamp Voltage
–1.2
–1.2
–1.2
V
IIN = –18 mA


Numéro de pièce similaire - MC10H600

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H600 ONSEMI-MC10H600 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FN ONSEMI-MC10H600FN Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FNG ONSEMI-MC10H600FNG Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FNR2 ONSEMI-MC10H600FNR2 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H600FNR2G ONSEMI-MC10H600FNR2G Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
More results

Description similaire - MC10H600

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC10H602 ONSEMI-MC10H602 Datasheet
86Kb / 4P
   9-Bit Latch TTL/ECL Translator
1996 REV 5
MC10H603 ONSEMI-MC10H603 Datasheet
89Kb / 5P
   9-Bit Latch ECL/TTL Translator
1996 REV 5
MC10H601 ONSEMI-MC10H601 Datasheet
111Kb / 6P
   9?묪it ECL to TTL Translator
November, 2006 ??Rev. 12
MC10H600 ONSEMI-MC10H600_06 Datasheet
110Kb / 6P
   9?묪it TTL to ECL Translator
November, 2006 ??Rev. 9
MC10H602 ONSEMI-MC10H602_06 Datasheet
112Kb / 6P
   9?묪it Latch TTL to ECL Translator
November, 2006 ??Rev. 10
MC10H603 ONSEMI-MC10H603_06 Datasheet
112Kb / 7P
   9?묪it Latch ECL to TTL Translator
November, 2006 ??Rev. 10
logo
Fairchild Semiconductor
100393 FAIRCHILD-100393 Datasheet
60Kb / 6P
   Low Power 9-Bit ECL-to-TTL Translator with Latches
100395 FAIRCHILD-100395 Datasheet
54Kb / 5P
   Low Power 9-Bit ECL-to-TTL Translator with Registers
logo
Micrel Semiconductor
SY10H600 MICREL-SY10H600 Datasheet
69Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
SY10H600 MICREL-SY10H600_06 Datasheet
469Kb / 4P
   9-BIT TTL-TO-ECL WITH TTL, ECL ENABLE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com