Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI3044 Fiches technique(PDF) 9 Page - List of Unclassifed Manufacturers

No de pièce SI3044
Description  GLOBAL MC 97 SILICON DAA
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SI3044 Fiches technique(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button SI3044 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 11Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 12Page - List of Unclassifed Manufacturers SI3044 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
Si3038
Rev. 2.01
9
Figure 4. Clocks Timing Diagram
Table 9. AC Link Timing Characteristics—Clocks
(VD = 3.0 to 3.6 V, VA = Charge Pump, TA = 25°C, CL = 50 pF)
Parameter
Symbol
Min
Typ
Max
Unit
BIT_CLK Frequency
12.288
MHz
BIT_CLK Period
Tclk_period
—81.4—
ns
BIT_CLK Output Jitter
750
ps
BIT_CLK High Pulse Width*
Tclk_high
36
40.7
45
ns
BIT_CLK low Pulse Width*
Tclk_low
36
40.7
45
ns
SYNC Frequency
48.0
kHz
SYNC Period
Tsync_period
—20.8—
µs
SYNC High Pulse Width
Tsync_high
—1.3
µs
SYNC Low Pulse Width
Tsync_low
—19.5—
µs
*Note: Worst case duty cycle restricted to 45/55.
SYNC
BIT_CLK
T
clk_high
T
clk_low
T
sync_low
T
sync_period
T
sync_high
T
clk_period


Numéro de pièce similaire - SI3044

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
SI3044 ETC-SI3044 Datasheet
1Mb / 54P
   3.3 V FCC/JATE DIRECT ACCESS ARRANGEMENT
More results

Description similaire - SI3044

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
SI3050-KT SILABS-SI3050-KT Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
logo
List of Unclassifed Man...
SI2400 ETC-SI2400 Datasheet
1Mb / 76P
   V.22BIS ISOMODEM??WITH INTEGRATED GLOBAL DAA
SI2401 ETC-SI2401 Datasheet
935Kb / 74P
   V.22BIS ISOMODEM WITH INTEGRATED GLOBAL DAA
logo
Silicon Laboratories
SI2400 SILABS-SI2400 Datasheet
1Mb / 94P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2493D SKYWORKS-SI2493D Datasheet
1,020Kb / 60P
   V.92 ISOMODEM® WITH GLOBAL DAA
Revision 0.91 to Revision 1.0
logo
Silicon Laboratories
SI2401 SILABS-SI2401 Datasheet
993Kb / 76P
   V.22BIS ISOMODEM짰 WITH INTEGRATED GLOBAL DAA
logo
Skyworks Solutions Inc.
SI2401 SKYWORKS-SI2401 Datasheet
2Mb / 75P
   V.22BIS ISOMODEM® WITH INTEGRATED GLOBAL DAA
Revision 0.7 to Revision 0.9
logo
Silicon Laboratories
SI2494 SILABS-SI2494 Datasheet
449Kb / 70P
   V.92 AND V.34 ISOMODEM WITH GLOBAL DAA
logo
List of Unclassifed Man...
SI3065 ETC1-SI3065 Datasheet
821Kb / 62P
   GLOBAL LINE-SIDE DAA FOR EMBEDDED SYSTEM-SIDE MODULE
logo
Skyworks Solutions Inc.
SI2494 SKYWORKS-SI2494 Datasheet
1Mb / 70P
   V.92 AND V.34 ISOMODEM® WITH GLOBAL DAA
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com