Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AME5130AEEVADJZ Fiches technique(PDF) 11 Page - Analog Microelectronics

No de pièce AME5130AEEVADJZ
Description  Micropower Step-Up DC/DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AME [Analog Microelectronics]
Site Internet  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5130AEEVADJZ Fiches technique(HTML) 11 Page - Analog Microelectronics

Back Button AME5130AEEVADJZ Datasheet HTML 7Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 8Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 9Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 10Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 11Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 12Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 13Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 14Page - Analog Microelectronics AME5130AEEVADJZ Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AME, Inc.
11
AME5130
Micropower Step-Up DC/DC Converter
Switch Current Limit vs. V
IN
Efficiency vs. Load Current
Efficiency vs. Load Current
Efficiency vs. Load Current
Enable Current vs. V
IN (Part Switching)
Disable Current vs. V
IN (Part Not Switching)
V
IN (V)
40
50
60
70
80
90
100
110
120
130
140
2
2.5
3
3.5
4
4.5
5
5.5
6
TA=25
oC
TA=85 oC
TA=-40oC
40
50
60
70
80
90
100
110
120
130
140
2
2.5
3
3.5
4
4.5
5
5.5
6
V
IN (V)
TA=-40oC
TA=25oC
TA=85 oC
I
OUT (mA)
5
10
15
20
25
30
35
40
45
0.5
50
55
60
65
70
75
80
85
90
V
IN=4.2V
V
IN=3.3V
V
IN=2.5V
V
OUT=20V
I
OUT (mA)
0.5
4
8
20
40
55
70
80
110 115
140
145
40
45
50
55
60
65
70
75
80
85
90
V
IN=4.2V
V
IN=3.3V
V
IN=2.5V
V
IN=5V
V
OUT =12V
40
45
50
55
60
65
70
75
80
85
90
95
I
OUT (mA)
0.5
3
6
9
20
35
50
80 110 140 160 190 220 250
V
IN=2.5V
V
IN=3.3V
V
IN=4.2V
V
OUT=5V
V
IN(V)
350
400
450
500
550
600
650
700
750
800
2
2.5
3
3.5
4
4.5
5
5.5
6
TA=25OC


Numéro de pièce similaire - AME5130AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Analog Microelectronics
AME5130AEEVADJZ AME-AME5130AEEVADJZ Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
More results

Description similaire - AME5130AEEVADJZ

FabricantNo de pièceFiches techniqueDescription
logo
Aimtron Technology
AT1303 AIMTRON-AT1303 Datasheet
205Kb / 10P
   MICROPOWER STEP UP DC/DC CONVERTER
logo
Analog Microelectronics
AME5130 AME-AME5130_1 Datasheet
550Kb / 16P
   Micropower Step-Up DC/DC Converter
AME5138 AME-AME5138 Datasheet
533Kb / 16P
   Micropower Step-Up DC/DC Converter
logo
Taiwan Memory Technolog...
T6309B TMT-T6309B Datasheet
131Kb / 11P
   Micropower Step-up DC/DC Converter
T6309A TMT-T6309A Datasheet
364Kb / 13P
   Micropower Step-up DC/DC Converter
logo
STMicroelectronics
ST5R00 STMICROELECTRONICS-ST5R00 Datasheet
680Kb / 15P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Advanced Power Electron...
APE2903 A-POWER-APE2903 Datasheet
100Kb / 7P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
Advanced Power Electron...
APE2902 A-POWER-APE2902 Datasheet
350Kb / 8P
   MICROPOWER VFM STEP-UP DC/DC CONVERTER
logo
Linear Technology
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com