Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC154 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce TLC154
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

TLC154 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  TLC154 Datasheet HTML 1Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 2Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 3Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 4Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 5Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 6Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 7Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 8Page - List of Unclassifed Manufacturers TLC154 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
TLC156
Rev0.95 Nov 20, 2003
P.2/TLC156
GENERAL DESCRIPTION
The TLC156 series is a family of low-cost, high speed, high noise immunity, EPROM/ROM-based 8-bit CMOS
microcontrollers. It employs a RISC architecture with only 42 instructions. All instructions are single cycle except
for program branches which take two cycles. The easy to use and easy to remember instruction set reduces
development time significantly.
The TLC156 series consists of Power-on Reset (POR), Brown-out Reset (BOR), Power-up Reset Timer (PWRT),
Oscillator Start-up Timer(OST), Watchdog Timer, EPROM/ROM, SRAM, tri-state I/O port, I/O
pull-high/open-drain/pull-down control, Power saving SLEEP mode, real time programmable clock/counter,
Interrupt, Wake-up from SLEEP mode, and Code Protection for EPROM products. There are four oscillator
configurations to choose from, including the power-saving LP (Low Power) oscillator and cost saving RC oscillator.
The TLC154 and TLC155 address 512×13 of program memory, the TLC156 address 1K×13 of
program memory, and the TLC157 address 2K×13 of program memory.
The TLC156 can directly or indirectly address its register files and data memory. All special function registers
including the program counter are mapped in the data memory.
BLOCK DIAGRAM
ALU
Watchdog
Timer
Oscillator
Circuit
Timer0
PORTA
PORTB
PORTC
Program
Counter
5-level
STACK
EPROM
/ ROM
SRAM
Instruction
Decoder
Accumulator
FSR
Interrupt
Control
TLC


Numéro de pièce similaire - TLC154

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC1541 TI-TLC1541 Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541 TI1-TLC1541 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDW TI-TLC1541CDW Datasheet
161Kb / 11P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDW TI1-TLC1541CDW Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
TLC1541CDWG4 TI1-TLC1541CDWG4 Datasheet
734Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTER WITH SERIAL CONTROL AND 11 INPUTS
More results

Description similaire - TLC154

FabricantNo de pièceFiches techniqueDescription
logo
Feeling Technology Corp...
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
   EPROM/ROM-Based 8-Bit Microcontroller
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
List of Unclassifed Man...
CP8056 ETC2-CP8056 Datasheet
403Kb / 46P
   EPROM/ROM-Based 8-Bit Microcontroller Series
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
   EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Feeling Technology Corp...
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
   EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
   EPROM/ROM-Based 8-Bit Microcontroller
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
   EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com