Moteur de recherche de fiches techniques de composants électroniques |
|
2SA1714K Fiches technique(PDF) 2 Page - NEC |
|
2SA1714K Fiches technique(HTML) 2 Page - NEC |
2 / 6 page Data Sheet D16124EJ1V0DS 2 2SA1714 ELECTRICAL CHARACTERISTICS (Ta = 25 °°°°C) Parameter Symbol Conditions MIN. TYP. MAX. Unit Collector to emitter voltage VCEO(SUS) IC = −3.0 A, IB = −3.0 mA, L = 1.0 mH −100 V Collector cutoff current ICBO VCB = −100 V, IE = 0 −10 µA Collector cutoff current ICEO VCE = −100 V, RBE = ∞−10 µA DC current gain hFE1** VCE = −2.0 V, IC = −1.5 A 2,000 20,000 − DC current gain hFE2** VCE = −2.0 V, IC = −3.0 A 1,000 − Collector saturation voltage VCE(sat)** IC = −1.5 A, IB = −1.5 mA −0.9 −1.2 V Base saturation voltage VBE(sat)** IC = −1.5 A, IB = −1.5 mA −1.5 −2.0 V Turn-on time ton 0.15 µs Storage time tstg 1.2 µs Fall time tf IC = −1.5 A, IB1 = −IB2 = −1.5 mA, RL = 33 Ω, VCC ≅ −50 V Refer to the test circuit. 0.6 µs ** Pulse test PW ≤ 350 µs, duty cycle ≤ 2%/pulsed hFE CLASSIFICATION Marking M L K hFE1 2,000 to 5,000 4,000 to 10,000 8,000 to 20,000 SWITCHING TIME (ton, tstg, tf) TEST CIRCUIT Base current waveform Collector current waveform |
Numéro de pièce similaire - 2SA1714K |
|
Description similaire - 2SA1714K |