Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD8152JBP Fiches technique(PDF) 9 Page - Analog Devices

No de pièce AD8152JBP
Description  34 x 34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD8152JBP Fiches technique(HTML) 9 Page - Analog Devices

Back Button AD8152JBP Datasheet HTML 5Page - Analog Devices AD8152JBP Datasheet HTML 6Page - Analog Devices AD8152JBP Datasheet HTML 7Page - Analog Devices AD8152JBP Datasheet HTML 8Page - Analog Devices AD8152JBP Datasheet HTML 9Page - Analog Devices AD8152JBP Datasheet HTML 10Page - Analog Devices AD8152JBP Datasheet HTML 11Page - Analog Devices AD8152JBP Datasheet HTML 12Page - Analog Devices AD8152JBP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
REV. A
AD8152
–9–
DUTY CYCLE DISTORTION – ps
1400
800
0
–50
30
020
1200
1000
600
400
40
50
BIN WIDTH = 5ps
200
–40
–20
–30
–10
10
TPC 7. Duty Cycle Distortion Distribution
DATA RATE – Gbps
100
90
0
0.5
4.0
1.0
1.5
2.0
2.5
3.0
3.5
80
70
60
50
40
30
20
10
VOUT @ DATA RATE
VOUT @ 0.5Gbps
100
%EYE HEIGHT =
TPC 8. Eye Height vs. Data Rate
DATA RATE – Gbps
50
4.0
1.0
1.5
2.0
2.5
3.0
3.5
45
40
35
30
25
15
10
5
0
PEAK-PEAK JITTER
STANDARD DEVIATION
20
TPC 9. Jitter vs. Data Rate
UNIT INTERVAL
1.E+00
0.1
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.2
0.3
0.4
0.5
1.E–01
1.E–02
1.E–03
1.E–04
1.E–05
1.E–06
1.E–07
1.E–08
1.E–09
1.E–10
1.E–11
1.E–12
TPC 10. Bit Error Rate vs. Unit Interval
80ps/DIV
PEAK-PEAK JITTER = 35ps STD DEV = 5.6ps
TPC 11. Crosstalk, 3.2 Gbps, Attack Signal OFF
(See TPC 25)
80ps/DIV
PEAK-PEAK JITTER = 46ps STD DEV = 6.5ps
TPC 12. Crosstalk, 3.2 Gbps, Attack Signal ON
(See TPC 25)


Numéro de pièce similaire - AD8152JBP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
More results

Description similaire - AD8152JBP

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
AD8152JBPZ AD-AD8152JBPZ Datasheet
1Mb / 32P
   34  34, 3.2 Gbps Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
211X1-DSH-001-I MA-COM-211X1-DSH-001-I Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3139 VITESSE-VSC3139 Datasheet
1Mb / 2P
   4.2 Gbps 72 x 72 Asynchronous Crosspoint Switch
logo
M/A-COM Technology Solu...
M21170 MA-COM-M21170 Datasheet
905Kb / 2P
   3.2 Gbps 288x288 Crosspoint Switch
logo
Analog Devices
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
M/A-COM Technology Solu...
M21131 MA-COM-M21131 Datasheet
793Kb / 65P
   72x72/144x144 3.2 Gbps Asynchronous Crosspoint Switch with Amplif-EYE Signal Conditioning
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
logo
National Semiconductor ...
CLC018 NSC-CLC018 Datasheet
217Kb / 18P
   8 x 8 Digital Crosspoint Switch, 1.4 Gbps
logo
Analog Devices
AD8151 AD-AD8151 Datasheet
5Mb / 36P
   33 x 17, 3.2 Gb/s Digital Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com