Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC100EP31DTR2 Fiches technique(PDF) 2 Page - ON Semiconductor

No de pièce MC100EP31DTR2
Description  D Flip Flop with Set and Reset
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP31DTR2 Fiches technique(HTML) 2 Page - ON Semiconductor

  MC100EP31DTR2 Datasheet HTML 1Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 2Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 3Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 4Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 5Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 6Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 7Page - ON Semiconductor MC100EP31DTR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EP31, MC100EP31
http://onsemi.com
2
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
D
Q
CLK
RESET
SET
S
D
R
Flip Flop
PIN DESCRIPTION
PIN
CLK*
Reset*
ECL Asynchronous Reset
FUNCTION
ECL Clock Inputs
TRUTH TABLE
D
L
H
X
X
X
SET
L
L
H
L
H
RESET
L
L
L
H
H
CLK
Z
Z
X
X
X
Q
L
H
H
L
UNDEF
Z = LOW to HIGH Transition
Set*
D*
ECL Data Input
ECL Asynchronous Set
Q, Q
ECL Data Outputs
VCC
Positive Supply
VEE
Negative Supply
* Pins will default LOW when left open.
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 k
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charged Device Model
> 4 kV
> 200 V
> 2 kV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1.)
Level 1
Flammability Rating
Oxygen Index
UL–94 code V–0 A 1/8”
28 to 34
Transistor Count
75 Devices
Meets or exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS (Note 2.)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
6
V
VEE
NECL Mode Power Supply
VCC = 0 V
–6
V
VI
PECL Mode Input Voltage
VEE = 0 V
VI  VCC
6
V
VI
PECL Mode In ut Voltage
NECL Mode Input Voltage
VEE
0 V
VCC = 0 V
VI  VCC
VI  VEE
6
–6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
TA
Operating Temperature Range
–40 to +85
°C
Tstg
Storage Temperature Range
–65 to +150
°C
θJA
Thermal Resistance (Junction to Ambient)
0 LFPM
500 LFPM
8 SOIC
8 SOIC
190
130
°C/W
°C/W
θJC
Thermal Resistance (Junction to Case)
std bd
8 SOIC
41 to 44
°C/W
θJA
Thermal Resistance (Junction to Ambient)
0 LFPM
500 LFPM
8 TSSOP
8 TSSOP
185
140
°C/W
°C/W
θJC
Thermal Resistance (Junction to Case)
std bd
8 TSSOP
41 to 44
°C/W
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.


Numéro de pièce similaire - MC100EP31DTR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100EP31DTR2 ONSEMI-MC100EP31DTR2 Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC100EP31DTR2G ONSEMI-MC100EP31DTR2G Datasheet
158Kb / 11P
   3.3V / 5V ECL D Flip?묯lop with Set and Reset
December, 2006 ??Rev. 9
MC100EP31DTR2G ONSEMI-MC100EP31DTR2G Datasheet
182Kb / 11P
   ECL D Flip?륡lop with Set and Reset
August, 2016 ??Rev. 11
More results

Description similaire - MC100EP31DTR2

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
MC100LVEL31 ONSEMI-MC100LVEL31 Datasheet
59Kb / 4P
   D Flip-Flop With Set and Reset
1996 REV 0
MC10EL31 ONSEMI-MC10EL31 Datasheet
72Kb / 3P
   D Flip-Flop With Set and Reset
1995 REV 2
logo
Micrel Semiconductor
SY10EL31 MICREL-SY10EL31_06 Datasheet
51Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
SY10EL31 MICREL-SY10EL31 Datasheet
48Kb / 4P
   D FLIP-FLOP WITH SET AND RESET
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
   Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com