Moteur de recherche de fiches techniques de composants électroniques |
|
LC43 Fiches technique(PDF) 2 Page - Microsemi Corporation |
|
LC43 Fiches technique(HTML) 2 Page - Microsemi Corporation |
2 / 4 page 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR SCOTTSD A L E DIVISION LC6.5 thru LC170A ELECTRICAL CHARACTERISTICS @ 25oC BREAKDOWN VOLTAGE MICROSEMI PART NUMBER REVERSE STANDOFF VOLTAGE VWM VOLTS V(BR) VOLTS MIN MAX @ I(BR) mA MAXIMUM STANDBY CURRENT ID @VWM µA MAXIMUM CLAMPING VOLTAGE VC @ IPP VOLTS MAXIMUM PEAK PULSE CURRENT IPP @ 10/1000 µs AMPS MAXIMUM CAPACITANCE @ 0 Volts, f = 1 MHz pF WORKING INVERSE BLOCKING VOLTAGE VWIB VOLTS INVERSE BLOCKING LEAKAGE CURRENT IIB @ VWIB µA PEAK INVERSE BLOCKING VOLTAGE VOLTS VPIB VOLTS LC6.5 LC6.5A LC7.0 LC7.0A 6.5 6.5 7.0 7.0 7.22 7.22 7.78 7.78 8.82 7.98 9.51 8.60 10 10 10 10 1000 1000 500 500 12.3 11.2 13.3 12.0 100 100 100 100 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC7.5 LC7.5A LC8.0 LC8.0A 7.5 7.5 8.0 8.0 8.33 8.33 8.89 8.89 10.2 9.21 10.9 9.83 10 10 1 1 250 250 100 100 14.3 12.9 15.0 13.6 100 100 100 100 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC8.5 LC8.5A LC9.0 LC9.0A 8.5 8.5 9.0 9.0 9.44 9.44 10.0 10.0 11.5 10.4 12.2 11.1 1 1 1 1 50 50 10 10 15.9 14.4 16.9 15.4 94 100 89 97 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC10 LC10A LC11 LC11A 10 10 11 11 11.1 11.1 12.2 12.2 13.6 12.3 14.9 13.5 1 1 1 1 5 5 5 5 18.8 17.0 20.1 18.2 80 88 74 82 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC12 LC12A LC13 LC13A 12 12 13 13 13.3 13.3 14.4 14.4 16.3 14.7 17.6 15.9 1 1 1 1 5 5 5 5 22.0 19.9 23.8 21.5 68 75 63 70 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC14 LC14A LC15 LC15A 14 14 15 15 15.6 15.6 16.7 16.7 19.1 17.2 20.4 18.5 1 1 1 1 5 5 5 5 25.8 23.2 26.9 24.4 58 65 56 61 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC16 LC16A LC17 LC17A 16 16 17 17 17.8 17.8 18.9 18.9 21.8 19.7 23.1 20.9 1 1 1 1 5 5 5 5 28.8 26.0 30.5 27.6 52 57 49 54 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC18 LC18A LC20 LC20A 18 18 20 20 20.0 20.0 22.2 22.2 24.4 22.1 27.1 24.5 1 1 1 1 5 5 5 5 32.2 20.2 35.8 32.4 46 51 42 46 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC22 LC22A LC24 LC24A 22 22 24 24 24.4 24.4 26.7 26.7 29.8 26.9 32.6 29.5 1 1 1 1 5 5 5 5 39.4 35.5 43.0 38.9 38 42 35 39 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC26 LC26A LC28 LC28A 26 26 28 28 28.9 28.9 31.1 31.1 35.3 31.9 38.0 34.4 1 1 1 1 5 5 5 5 46.6 42.1 50.1 45.4 32 36 30 33 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC30 LC30A LC33 LC33A 30 30 33 33 33.3 33.3 36.7 36.7 40.7 36.8 44.9 40.6 1 1 1 1 5 5 5 5 53.5 48.4 58.0 53.3 28 31 25.4 28.1 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC36 LC36A LC40 LC40A 36 36 40 40 40.0 40.0 44.4 44.4 48.9 44.2 54.3 49.1 1 1 1 1 5 5 5 5 64.3 58.1 71.4 64.5 23.3 25.8 21.0 23.3 100 100 100 100 75 75 75 75 10 10 10 10 100 100 100 100 LC43 LC43A LC45 LC45A 43 43 45 45 47.8 47.8 50.0 50.0 58.4 52.8 61.1 55.3 1 1 1 1 5 5 5 5 76.7 69.4 80.3 72.7 19.5 21.6 18.7 20.6 100 100 100 100 150 150 150 150 10 10 10 10 200 200 200 200 LC48 LC48A LC51 LC51A 48 48 51 51 53.3 53.3 56.7 56.7 65.1 58.9 69.3 62.7 1 1 1 1 5 5 5 5 85.5 77.4 91.1 82.4 17.5 19.4 16.5 18.2 100 100 100 100 150 150 150 150 10 10 10 10 200 200 200 200 Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 2 Copyright 2002 10-21-2004 REV C |
Numéro de pièce similaire - LC43 |
|
Description similaire - LC43 |