Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM53616004BKG Fiches technique(PDF) 2 Page - Samsung semiconductor

No de pièce KMM53616004BKG
Description  16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53616004BKG Fiches technique(HTML) 2 Page - Samsung semiconductor

  KMM53616004BKG Datasheet HTML 1Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 2Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 3Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 4Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 5Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 6Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 7Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 8Page - Samsung semiconductor KMM53616004BKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
DRAM MODULE
KMM53616004BK/BKG
FUNCTIONAL BLOCK DIAGRAM
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
CAS0
RAS0
U0
Vcc
Vss
0.1 or 0.22uF Capacitor
for each DRAM
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U1
To all DRAMs
CAS1
W
A0-A11
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
CAS
RAS
DQ8
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U3
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U4
DQ9
DQ10
DQ11
DQ12
DQ13
DQ12
DQ15
DQ16
CAS
RAS
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
CAS2
RAS2
U6
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U7
CAS3
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
CAS
RAS
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U9
CAS
RAS
OE
DQ1
DQ2
DQ3
DQ4
W A0-A11
U10
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
DQ33
DQ34
CAS
RAS
D
Q
DQ17
D
Q
DQ26
D
Q
DQ35
D
Q
W A0-A11
U2
W A0-A11
U5
W A0-A11
U8
W A0-A11
U11


Numéro de pièce similaire - KMM53616004BKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004CKG SAMSUNG-KMM53616004CKG Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results

Description similaire - KMM53616004BKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004CK SAMSUNG-KMM53632004CK Datasheet
475Kb / 21P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53216004CK SAMSUNG-KMM53216004CK Datasheet
445Kb / 21P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com