Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM53216004CKG Fiches technique(PDF) 3 Page - Samsung semiconductor

No de pièce KMM53216004CKG
Description  16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53216004CKG Fiches technique(HTML) 3 Page - Samsung semiconductor

  KMM53216004CKG Datasheet HTML 1Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 2Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 3Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 4Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 5Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 6Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 7Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 8Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DRAM MODULE
KMM53216004CK/CKG
KMM53216004CK/CKG EDO Mode
16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
The Samsung KMM53216004C is a 16Mx32bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM53216004C consists of eight CMOS 16Mx4bits DRAMs
in SOJ packages mounted on a 72-pin glass-epoxy substrate.
A 0.1 or 0.22uF decoupling capacitor is mounted on the
printed circuit board for each DRAM. The KMM53216004C is
a Single In-line Memory Module with edge connections and is
intended for mounting into 72 pin edge connector sockets.
• Part Identification
- KMM53216004CK(4K cycles/64ms Ref, SOJ, Solder)
- KMM53216004CKG(4K cycles/64ms Ref, SOJ, Gold)
• Extended Data Out Mode Operation
• CAS-before-RAS & Hidden Refresh capability
• RAS-only refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDpin & pinout
• PCB : Height(1250mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
13ns
84ns
20ns
-6
60ns
15ns
104ns
25ns
PIN NAMES
Pin Name
Function
A0 - A11
Address Inputs
DQ0-7, DQ9-16
DQ18-25, DQ27-34
Data In/Out
W
Read/Write Enable
RAS0, RAS2
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
PRESENCE DETECT PINS (Optional)
Pin
50NS
60NS
PD1
PD2
PD3
PD4
Vss
NC
Vss
Vss
Vss
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
A11
Vcc
A8
A9
NC
RAS2
NC
NC
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
NC
NC
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
NC
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Numéro de pièce similaire - KMM53216004CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BKG SAMSUNG-KMM53216004BKG Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Description similaire - KMM53216004CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000BK SAMSUNG-KMM53216000BK Datasheet
364Kb / 18P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com