Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KMM53216004CKG Fiches technique(PDF) 7 Page - Samsung semiconductor

No de pièce KMM53216004CKG
Description  16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMSUNG [Samsung semiconductor]
Site Internet  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53216004CKG Fiches technique(HTML) 7 Page - Samsung semiconductor

Back Button KMM53216004CKG Datasheet HTML 3Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 4Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 5Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 6Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 7Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 8Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 9Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 10Page - Samsung semiconductor KMM53216004CKG Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
DRAM MODULE
KMM53216004CK/CKG
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
Hyper page mode cycle time
tHPC
20
25
ns
11
CAS precharge time (Hyper page cycle)
tCP
8
10
ns
RAS pulse width (Hyper page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
Output data hold time
tDOH
5
5
ns
Output buffer turn off delay from RAS
tREZ
3
13
3
15
ns
6,12
Output buffer turn off delay from W
tWEZ
3
13
3
15
ns
6
W to data delay
tWED
15
15
ns
W pulse width
tWPE
5
5
ns
AC CHARACTERISTICS (0
°C≤TA≤70°C, Vcc=5.0V±10%. See notes 1,2.)
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
Input voltage levels are Vih/Vil. VIH(min) and VIL(max) are
reference levels for measuring timing of input signals. Transi-
tion times are measured between VIH(min) and VIL(max) and
are assumed to be 5ns for all inputs.
Measured with a load equivalent to 2 TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit and is not referenced for VOH or VOL.
tWCS is non-restrictive operating parameter. It is included in
the
data
sheet
as
electrical
characteristics
only.
If
tWCS
tWCS(min), the cycle is an early write cycle and the
data out pin will remain high impedance for the duration of
the cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameters are referenced to the CAS leading edge in
early write cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit access time
is controlled by
tAA.
tASC
≥6ns, Assume tT=2.0ns.
If RAS goes high before CAS high going, the open circuit
condition of the output is achieved by CAS high going. If CAS
goes high before RAS high going , the open circuit condition
of the output is achieved by RAS going.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
11.
12.


Numéro de pièce similaire - KMM53216004CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BKG SAMSUNG-KMM53216004BKG Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results

Description similaire - KMM53216004CKG

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
KMM53216000CK SAMSUNG-KMM53216000CK Datasheet
397Kb / 20P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216004BK SAMSUNG-KMM53216004BK Datasheet
409Kb / 19P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53216000BK SAMSUNG-KMM53216000BK Datasheet
364Kb / 18P
   16M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000BK SAMSUNG-KMM53232000BK Datasheet
376Kb / 18P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com