Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HMJ325AB7225KM8P Fiches technique(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

No de pièce HMJ325AB7225KM8P
Description  Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Site Internet  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

HMJ325AB7225KM8P Fiches technique(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  HMJ325AB7225KM8P Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc HMJ325AB7225KM8P Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc HMJ325AB7225KM8P Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Multi Layer Ceramic Capacitor -Electrical Characteristics Data-
19U1A08
RoHS compliance product
○HMJ325AB7225KM8P
100V 3225 X7R 2.2uF +/- 10% t=2.8mmMAX
100V 1210 X7R 2.2uF +/- 10% t=0.11inchMAX
部品特性は設置環境、測定条件等により変化する場合があります。本データをご使用される際は実際の製品特性に対する参考
データとしてご活用ください。また、本データは予告無く追加・削除及び変更を行う場合があります。ご注文の際は、納入仕様書の
ご確認をお願いします。
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325AB7225KM8P
Capacitance Freq.
-100
-80
-60
-40
-20
0
20
0
20
40
60
80
100
DC Bias Voltage[V]
HMJ325AB7225KM8P
DC Bias Char.
0.001
0.01
0.1
1
10
100
1000
0.001 0.01 0.1
1
10
100 100010000
Frequency[MHz]
HMJ325AB7225KM8P
Impedance,ESR Freq.
ESR
Z
-30
-20
-10
0
10
-55 -35 -15
5
25
45
65
85 105 125
Temperature[degreeC]
HMJ325AB7225KM8P
Capacitance Temp.
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Ripple Current[Arms]
HMJ325AB7225KM8P
Ripple Current
10kHz
100kHz
1MHz


Numéro de pièce similaire - HMJ325AB7225KM8P

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
HMJ325AB7225KMHP TAIYO-YUDEN-HMJ325AB7225KMHP Datasheet
288Kb / 2P
   Standard packaging quantity
HMJ325AB7225KMHT TAIYO-YUDEN-HMJ325AB7225KMHT Datasheet
395Kb / 2P
   Soft Termination MLCC for Automotive
More results

Description similaire - HMJ325AB7225KM8P

FabricantNo de pièceFiches techniqueDescription
logo
Taiyo Yuden (U.S.A.), I...
GMJ107BB7224KA8T TAIYO-YUDEN-GMJ107BB7224KA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7473KA8T TAIYO-YUDEN-GMJ107BB7473KA8T Datasheet
401Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
GMJ107BB7474MA8T TAIYO-YUDEN-GMJ107BB7474MA8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
QMJ325B7473MN8T TAIYO-YUDEN-QMJ325B7473MN8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ316BB7474ML8T TAIYO-YUDEN-TMJ316BB7474ML8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
TMJ325AB7475KM8P TAIYO-YUDEN-TMJ325AB7475KM8P Datasheet
404Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7104KL8T TAIYO-YUDEN-HMJ316BB7104KL8T Datasheet
402Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7105KL8T TAIYO-YUDEN-HMJ316BB7105KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
HMJ316BB7224KL8T TAIYO-YUDEN-HMJ316BB7224KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications infrastructure and Industrial equipment / Medical devices
UMJ212CB7105MG8T TAIYO-YUDEN-UMJ212CB7105MG8T Datasheet
405Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
UMJ316BB7224KL8T TAIYO-YUDEN-UMJ316BB7224KL8T Datasheet
403Kb / 3P
   Soft Termination MLCC for Telecommunications Infrastructure and Industrial Equipment / Medical Devices
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com