Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

QO220 Fiches technique(PDF) 1 Page - Schneider Electric

No de pièce QO220
Description  Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SCHNEIDER [Schneider Electric]
Site Internet  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

QO220 Fiches technique(HTML) 1 Page - Schneider Electric

  QO220 Datasheet HTML 1Page - Schneider Electric QO220 Datasheet HTML 2Page - Schneider Electric QO220 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Characteristics
QO220
Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
Product availability : Stock - Normally stocked in distribution facility
Price** : 67.00 USD
Main
Product
Miniature circuit-breaker
Range
QO
Current Rating
20 A
Voltage Rating
120/240 V AC
120 V AC
48 V DC
Mounting Type
Plug-in
Number of Poles
2P
Circuit Breaker Type
Standard
Ratings
HACR rated
Electrical Connection
Pressure plate
Complementary
Inturrupt Rating
10 kA 120/240 V AC 50/60 Hz
10 kA 120 V AC 50/60 Hz
5 kA 48 V DC
Number of Panel Spaces
2
Wire Size
AWG 14...AWG 8 copper or aluminium
Tightening torque
44.25 lbf.in (5 N.m) 0.02…0.04 in² (10…25 mm²) AWG 8...AWG 2)
Height
76.20 mm (3 in)
Depth
73.91 mm (2.91 in)
Width
38.10 mm (1.5 in)
Environment
Certifications
UL listed
CSA
Ambient Rating
104 °F (40 °C)
Nov 25, 2019
1


Numéro de pièce similaire - QO220

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
QO2200 SCHNEIDER-QO2200 Datasheet
128Kb / 3P
   QO mini breaker, 200 A, 2 pole, 120/240 V, 10 kA, plug in
QO2200VH SCHNEIDER-QO2200VH Datasheet
115Kb / 2P
   Mini CB, QO, 200 A, 2P, 120/240 V, 22 kA, Plug in
QO2201021 SCHNEIDER-QO2201021 Datasheet
110Kb / 2P
   QO mini breaker, 20 A, 2 pole, 120/240 V, 10 kA, plug in, shunt trip
QO2201042 SCHNEIDER-QO2201042 Datasheet
161Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Shunt Trip
Dec 16, 2019
QO2201200 SCHNEIDER-QO2201200 Datasheet
151Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in, Aux Switch 1A
More results

Description similaire - QO220

FabricantNo de pièceFiches techniqueDescription
logo
Schneider Electric
QO220H5237 SCHNEIDER-QO220H5237 Datasheet
56Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO220C SCHNEIDER-QO220C Datasheet
141Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO2205237 SCHNEIDER-QO2205237 Datasheet
111Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO2205219 SCHNEIDER-QO2205219 Datasheet
122Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO220H SCHNEIDER-QO220H Datasheet
155Kb / 3P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in
QO22035 SCHNEIDER-QO22035 Datasheet
141Kb / 2P
   Mini CB, QO, 20 A, 2P, 120/240 V, 10 kA, Plug in 50deg
QO2105237 SCHNEIDER-QO2105237 Datasheet
111Kb / 2P
   Mini CB, QO, 10 A, 2P, 120/240 V, 10 kA, Plug in
QO250C SCHNEIDER-QO250C Datasheet
137Kb / 2P
   Mini CB, QO, 50 A, 2P, 120/240 V, 10 kA, Plug in
QO2605238 SCHNEIDER-QO2605238 Datasheet
107Kb / 2P
   Mini CB, QO, 60 A, 2P, 120/240 V, 10 kA, Plug in
QO2305305 SCHNEIDER-QO2305305 Datasheet
124Kb / 2P
   Mini CB, QO, 30 A, 2P, 120/240 V, 10 kA, Plug in
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com